Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0703-4R7-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HCM0703-4R7-R
Description  High Current, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCM0703-4R7-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HCM0703-4R7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCM0703-4R7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCM0703-4R7-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCM0703-4R7-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
• Voltage Regulator Module (VRM)
• Multi-phase regulators
• Point-of-load modules
• Desktop and server VRMs and EVRDs
• Base station equipment
• Notebook regulators
• Battery power systems
• Graphics cards
• Data networking and storage systems
Environmental Data
• Storage temperature range: -55°C to +125 °C
• Operating temperature range: -55°C to +125°C
(ambient plus self-temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 1,500 parts per
13” diameter reel
Pb
HALOGEN
HF
FREE
Description
• Halogen Free
• 125°C maximum total temperature operation
• 7.4 x 7.0 x 3.0mm maximum surface mount package
• Powder iron core material
• Magnetically shielded, low EMI
• High current carrying capacity, Low core losses
• Inductance range from 0.15
μH to 10.0μH
• Current range from 3.2 to 52 Amps
• RoHS compliant
High Current, Power Inductors
HCM0703 Series
1209
BU-SB091169
Page 1 of 4
Data Sheet: 4085
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.25Vrms, 0.0Adc, @ +20°C.
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.25Vrms,Isat @ +20°C.
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other
heat generating components will affect the temperature rise. It is recommended that the
temperature of the part not exceed 125°C under worst case operating conditions verified in the
end application.
4Isat: Peak current for approximately 20% rolloff at +20°C.
5 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p (Gauss),
K: (K-factor from table), L: (inductance in
μH), ΔI (peak-to-peak ripple current in amps).
6 Part Number Definition: HCM0703-xxx-R
• HCM0703 = Product code and size
• xxx= Inductance value in
μH, R = decimal point,
If no R is present then 3
rd digit equals number of zeros.
• “-R” suffix = RoHS compliant
Product Specifications
Part
OCL
1 (
μH)
FLL min,
2
Irms
3
Isat
4 @ 20°C
DCR (m
Ω) @ 20°C DCR (mΩ) @ 20°C
Number
6
±20%
(
μH)
(Amps)
(Amps)
(Typical)
(Maximum)
K-factor
5
HCM0703-R15-R
0.15
0.09
26.0
52.0
1.90
2.50
1610.3
HCM0703-R22-R
0.22
0.13
23.0
40.0
2.50
2.80
615.4
HCM0703-R47-R
0.47
0.28
17.5
26.0
4.00
4.20
430.2
HCM0703-R68-R
0.68
0.41
15.5
25.0
5.00
5.50
367.4
HCM0703-R82-R
0.82
0.49
13.0
24.0
6.70
8.00
286.2
HCM0703-1R0-R
1.00
0.60
11.0
22.0
9.00
10.0
259.7
HCM0703-1R5-R
1.50
0.90
9.00
18.0
14.0
15.0
175.7
HCM0703-2R2-R
2.20
1.32
8.00
14.0
18.0
20.0
163.6
HCM0703-3R3-R
3.30
1.98
6.00
13.5
28.0
30.0
158.2
HCM0703-4R7-R
4.70
2.82
5.50
10.0
37.0
40.0
118.1
HCM0703-6R8-R
6.80
4.08
4.50
8.00
54.0
60.0
106.8
HCM0703-8R2-R
8.20
4.92
4.00
7.50
64.0
68.0
95.3
HCM0703-100-R
10.0
6.00
3.20
7.00
70.5
77.6
81.2


Similar Part No. - HCM0703-4R7-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCM0703-4R7-R EATON-HCM0703-4R7-R Datasheet
346Kb / 8P
High current power inductors
More results

Similar Description - HCM0703-4R7-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com