Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA080-ITT Datasheet(PDF) 1 Page - Microchip Technology

Part # 11AA080-ITT
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA080-ITT Datasheet(HTML) 1 Page - Microchip Technology

  11AA080-ITT Datasheet HTML 1Page - Microchip Technology 11AA080-ITT Datasheet HTML 2Page - Microchip Technology 11AA080-ITT Datasheet HTML 3Page - Microchip Technology 11AA080-ITT Datasheet HTML 4Page - Microchip Technology 11AA080-ITT Datasheet HTML 5Page - Microchip Technology 11AA080-ITT Datasheet HTML 6Page - Microchip Technology 11AA080-ITT Datasheet HTML 7Page - Microchip Technology 11AA080-ITT Datasheet HTML 8Page - Microchip Technology 11AA080-ITT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 1
11AA010/11LC010
11AA080/11LC080
11AA020/11LC020
11AA160/11LC160
11AA040/11LC040
11AA161/11LC161
Features:
• Single I/O, UNI/O® Serial Interface Bus
• Low-Power CMOS Technology:
- 1 mA active current, typical
- 1 µA standby current (max.) (I-temp)
• 128 x 8 through 2,048 x 8 Bit Organizations
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kbps Max. Bit Rate – Equivalent to 100 kHz
Clock Frequency
• Self-Timed Write Cycle (including Auto-Erase)
• Page-Write Buffer for up to 16 Bytes
• STATUS Register for Added Control:
- Write enable latch bit
- Write-In-Progress bit
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
• High Reliability:
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4,000V
• 3-lead SOT-23 and TO-92 Packages
• 4-lead Chip Scale Package
• 8-lead PDIP, SOIC, MSOP, TDFN Packages
• Pb-Free and RoHS Compliant
• Available Temperature Ranges:
Pin Function Table
Description:
The Microchip Technology Inc. 11AAXXX/11LCXXX
(11XX*) devices are a family of 1 Kbit through 16 Kbit
Serial Electrically Erasable PROMs. The devices are
organized in blocks of x8-bit memory and support the
patented** single I/O UNI/O® serial bus. By using
Manchester encoding techniques, the clock and data
are combined into a single, serial bit stream (SCIO),
where the clock signal is extracted by the receiver to
correctly decode the timing and value of each bit.
Low-voltage design permits operation down to 1.8V (for
11AAXXX devices), with standby and active currents of
only 1 uA and 1 mA, respectively.
The 11XX family is available in standard packages
including 8-lead PDIP and SOIC, and advanced pack-
aging including 3-lead SOT-23, 3-lead TO-92, 4-lead
Chip Scale, 8-lead TDFN, and 8-lead MSOP.
Package Types (not to scale)
- Industrial (I):
-40°C to
+85°C
- Automotive (E):
-40°C to +125°C
Name
Function
SCIO
Serial Clock, Data Input/Output
VSS
Ground
VCC
Supply Voltage
NC
NC
NC
Vss
1
2
3
4
8
7
6
5
VCC
NC
NC
SCIO
PDIP/SOIC
(P, SN)
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
NC
NC
SCIO
(MS)
TDFN
NC
NC
NC
VSS
NC
NC
SCIO
5
6
7
8
4
3
2
1
VCC
(MN)
MSOP
SOT23
2
3
1 SCIO
VCC
VSS
(TT)
Vcc
TO-92
SCIO
(TO)
1
2
3
4
VCC
VSS
NC
SCIO
(Top down view,
balls not visible)
Note 1: Available in I-temp, “AA” only.
Vss
CS (Chip Scale)(1)
1K-16K UNI/O® Serial EEPROM Family Data Sheet
* 11XX is used in this document as a generic part number for the 11 series devices.
** Microchip’s UNI/O® Bus products are covered by the following patent issued in the U.S.A.: 7,376,020.


Similar Part No. - 11AA080-ITT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA080-I/MNY MICROCHIP-11AA080-I/MNY Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/MS MICROCHIP-11AA080-I/MS Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/MS MICROCHIP-11AA080-I/MS Datasheet
830Kb / 44P
1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
11AA080-I/P MICROCHIP-11AA080-I/P Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA080-I/SN MICROCHIP-11AA080-I/SN Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
More results

Similar Description - 11AA080-ITT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Microchip Technology
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
I2C??Serial EEPROM Family Data Sheet
2007
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com