Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11LC080-ESN Datasheet(PDF) 12 Page - Microchip Technology

Part # 11LC080-ESN
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC080-ESN Datasheet(HTML) 12 Page - Microchip Technology

Back Button 11LC080-ESN Datasheet HTML 8Page - Microchip Technology 11LC080-ESN Datasheet HTML 9Page - Microchip Technology 11LC080-ESN Datasheet HTML 10Page - Microchip Technology 11LC080-ESN Datasheet HTML 11Page - Microchip Technology 11LC080-ESN Datasheet HTML 12Page - Microchip Technology 11LC080-ESN Datasheet HTML 13Page - Microchip Technology 11LC080-ESN Datasheet HTML 14Page - Microchip Technology 11LC080-ESN Datasheet HTML 15Page - Microchip Technology 11LC080-ESN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 12
Preliminary
 2010 Microchip Technology Inc.
4.3
Write Instruction
Prior to any attempt to write data to the 11XX, the write
enable latch must be set by issuing the
WREN
instruction (see Section 4.4).
Once the write enable latch is set, the user may pro-
ceed with issuing a
WRITE instruction (including the
header and device address bytes) followed by the MSB
and LSB of the Word Address. Once the last Acknowl-
edge sequence has been performed, the master
transmits the data byte to be written.
The 11XX features a 16-byte page buffer, meaning that
up to 16 bytes can be written at one time. To utilize this
feature, the master can transmit up to 16 data bytes to
the 11XX, which are temporarily stored in the page buf-
fer. After each data byte, the master sends a MAK, indi-
cating whether or not another data byte is to follow. A
NoMAK indicates that no more data is to follow, and as
such will initiate the internal write cycle.
Upon receipt of each word, the four lower-order
Address Pointer bits are internally incremented by one.
The higher-order bits of the word address remain con-
stant. If the master should transmit data past the end of
the page, the address counter will roll over to the begin-
ning of the page, where further received data will be
written.
FIGURE 4-3:
WRITE COMMAND SEQUENCE
Note: If a NoMAK is generated before any data
has been provided, or if a standby pulse
occurs before the NoMAK is generated,
the 11XX will be reset, and the write
cycle will not be initiated.
Note: Page write operations are limited to writ-
ing bytes within a single physical page,
regardless of the number of bytes actu-
ally being written. Physical page bound-
aries start at addresses that are integer
multiples of the page size (16 bytes) and
end at addresses that are integer multi-
ples of the page size minus 1. As an
example, the page that begins at
address 0x30 ends at address 0x3F. If a
page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to
the beginning of the current page (over-
writing data previously stored there),
instead of being written to the next page
as might be expected. It is therefore
necessary for the application software to
prevent page write operations that
would attempt to cross a page bound-
ary.
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
10
1
0
1
1
00
Standby Pulse
SCIO
15 14 13 12
Word Address MSB
11 10 9 8
76 5 4
Word Address LSB
32 1 0
Twc
Note 1: For the 11XXXX1, this bit must be a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com