Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11LC080-ESN Datasheet(PDF) 16 Page - Microchip Technology

Part # 11LC080-ESN
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC080-ESN Datasheet(HTML) 16 Page - Microchip Technology

Back Button 11LC080-ESN Datasheet HTML 12Page - Microchip Technology 11LC080-ESN Datasheet HTML 13Page - Microchip Technology 11LC080-ESN Datasheet HTML 14Page - Microchip Technology 11LC080-ESN Datasheet HTML 15Page - Microchip Technology 11LC080-ESN Datasheet HTML 16Page - Microchip Technology 11LC080-ESN Datasheet HTML 17Page - Microchip Technology 11LC080-ESN Datasheet HTML 18Page - Microchip Technology 11LC080-ESN Datasheet HTML 19Page - Microchip Technology 11LC080-ESN Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 16
Preliminary
 2010 Microchip Technology Inc.
4.7
Erase All (ERAL) Instruction
The
ERAL instruction allows the user to write ‘0x00’ to
the entire memory array with one command. Note that
the write enable latch (WEL) must first be set by issuing
the
WREN instruction.
Once the write enable latch is set, the user may pro-
ceed with issuing a ERAL instruction (including the
header and device address bytes). Immediately after
the NoMAK bit has been transmitted by the master, the
internal write cycle is initiated, during which time all
words of the memory array are written to ‘0x00’.
The ERAL instruction is ignored if either of the Block
Protect bits (BP0, BP1) are not 0, meaning 1/4, 1/2, or
all of the array is protected.
FIGURE 4-8:
ERASE ALL COMMAND SEQUENCE
4.8
Set All (SETAL) Instruction
The
SETAL instruction allows the user to write ‘0xFF’
to the entire memory array with one command. Note
that the write enable latch (WEL) must first be set by
issuing the
WREN instruction.
Once the write enable latch is set, the user may pro-
ceed with issuing a
SETAL instruction (including the
header and device address bytes). Immediately after
the NoMAK bit has been transmitted by the master, the
internal write cycle is initiated, during which time all
words of the memory array are written to ‘0xFF’.
The SETAL instruction is ignored if either of the Block
Protect bits (BP0, BP1) are not 0, meaning 1/4, 1/2, or
all of the array is protected.
FIGURE 4-9:
SET ALL COMMAND SEQUENCE
Note: The
ERAL instruction must be termi-
nated with a NoMAK following the com-
mand byte. If a NoMAK is not received at
this point, the command will be consid-
ered invalid, and the device will go into
Idle mode without responding with a
SAK or executing the command.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
11
1
0
1
1
00
Standby Pulse
SCIO
Twc
Note 1: For the 11XXXX1, this bit must be a ‘1’.
Note: The
SETAL instruction must be termi-
nated with a NoMAK following the com-
mand byte. If a NoMAK is not received at
this point, the command will be consid-
ered invalid, and the device will go into
Idle mode without responding with a
SAK or executing the command.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
11
0
0
1
1
01
Standby Pulse
SCIO
Twc
Note 1: For the 11XXXX1, this bit must be a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com