Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F688-E/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 5Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 6Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 7Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 7
PIC16F688
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F688 has a 13-bit program counter capable
of addressing a 4K x 14 program memory space. Only
the first 4K x 14 (0000h-01FFF) for the PIC16F688 is
physically implemented. Accessing a location above
these boundaries will cause a wrap-around within the
first 4K x 14 space. The Reset vector is at 0000h and
the interrupt vector is at 0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F688
2.2
Data Memory Organization
The data memory is partitioned into multiple banks,
which contain the General Purpose Registers (GPR)
and the Special Function Registers (SFR). Bits RP0
and RP1 are bank select bits.
RP1
RP0
00
→
Bank 0 is selected
01
→
Bank 1 is selected
10
→
Bank 2 is selected
11
→
Bank 3 is selected
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are the General Purpose Registers, implemented
as static RAM. All implemented banks contain Special
Function Registers. Some frequently used Special
Function Registers from one bank are mirrored in
another bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 256 x 8 in the
PIC16F688. Each register is accessed, either directly
or indirectly, through the File Select Register (FSR)
(see Section 2.4 “Indirect Addressing, INDF and
FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Tables 2-1, 2-2,
2-3 and 2-4). These registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.
PC<12:0>
13
0000h
0004h
0005h
01FFh
02000h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL
, RETURN
RETFIE
, RETLW
Stack Level 2
Wraps to 0000h-07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com