Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F688-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 13Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 14Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 15Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 16Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 11
PIC16F688
TABLE 2-3:
PIC16F688 SPECIAL REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
POR/BOR
Page
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20, 117
101h
TMR0
Timer0 Module’s register
xxxx xxxx
45, 117
102h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19, 117
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
13, 117
104h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20, 117
105h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--x0 x000
33, 117
106h
—
Unimplemented
—
—
107h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx 0000
42, 117
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
19, 117
10Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(2)
0000 000x
15, 117
10Ch
—
Unimplemented
—
—
10Dh
—
Unimplemented
—
—
10Eh
—
Unimplemented
—
—
10Fh
—
Unimplemented
—
—
110h
—
Unimplemented
—
—
111h
—
Unimplemented
—
—
112h
—
Unimplemented
—
—
113h
—
Unimplemented
—
—
114h
—
Unimplemented
—
—
115h
—
Unimplemented
—
—
116h
—
Unimplemented
—
—
117h
—
Unimplemented
—
—
118h
—
Unimplemented
—
—
119h
—
Unimplemented
—
—
11Ah
—
Unimplemented
—
—
11Bh
—
Unimplemented
—
—
11Ch
—
Unimplemented
—
—
11Dh
—
Unimplemented
—
—
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT Reset does not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the
mismatched exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com