Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/P Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 19Page - Microchip Technology PIC16F883-E/P Datasheet HTML 20Page - Microchip Technology PIC16F883-E/P Datasheet HTML 21Page - Microchip Technology PIC16F883-E/P Datasheet HTML 22Page - Microchip Technology PIC16F883-E/P Datasheet HTML 23Page - Microchip Technology PIC16F883-E/P Datasheet HTML 24Page - Microchip Technology PIC16F883-E/P Datasheet HTML 25Page - Microchip Technology PIC16F883-E/P Datasheet HTML 26Page - Microchip Technology PIC16F883-E/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 21
PIC16F882/883/884/886/887
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F882/883/884/886/887 has a 13-bit program
counter capable of addressing a 2K x 14 (0000h-07FFh)
for the PIC16F882, 4K x 14 (0000h-0FFFh) for the
PIC16F883/PIC16F884, and 8K x 14 (0000h-1FFFh) for
the PIC16F886/PIC16F887 program memory space.
Accessing a location above these boundaries will cause
a wrap-around within the first 8K x 14 space. The Reset
vector is at 0000h and the interrupt vector is at 0004h
(see Figures 2-2 and 2-3).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F882
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F883/PIC16F884
FIGURE 2-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F886/PIC16F887
PC<12:0>
13
0000h
0004h
0005h
07FFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Page 0
On-Chip
Program
Memory
PC<12:0>
13
0000h
0004h
0005h
07FFh
0800h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Page 0
Page 1
0FFFh
On-Chip
Program
Memory
PC<12:0>
13
0000h
0004h
0005h
07FFh
0800h
17FFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Page 0
Page 1
Page 2
Page 3
0FFFh
1000h
1FFFh
1800h
On-Chip
Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com