Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 12Page - Microchip Technology PIC16F883-E/P Datasheet HTML 13Page - Microchip Technology PIC16F883-E/P Datasheet HTML 14Page - Microchip Technology PIC16F883-E/P Datasheet HTML 15Page - Microchip Technology PIC16F883-E/P Datasheet HTML 16Page - Microchip Technology PIC16F883-E/P Datasheet HTML 17Page - Microchip Technology PIC16F883-E/P Datasheet HTML 18Page - Microchip Technology PIC16F883-E/P Datasheet HTML 19Page - Microchip Technology PIC16F883-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 14
© 2009 Microchip Technology Inc.
FIGURE 1-1:
PIC16F882/883/886 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
8
8
8
3
8-Level Stack
128(2)/256(1)/
2K(2)/4K(1)/
(13-Bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR
VSS
Brown-out
Reset
Timer0
Timer1
Data
EEPROM
128(2)/
EEDATA
EEADDR
T0CKI
T1CKI
Configuration
Internal
Oscillator
T1G
VDD
8
Timer2
ECCP
Block
2 Analog Comparators
VREF+
and Reference
Analog-To-Digital Converter
(ADC)
PORTA
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
PORTB
EUSART
PORTE
RE3
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
Timer1
32 kHz
Oscillator
Master Synchronous
Serial Port (MSSP)
CCP2
CCP2
VREF-
14
Note
1:
PIC16F883 only.
2:
PIC16F882 only.
VREF+
VREF-
CVREF
In-Circuit
Debugger
(ICD)
T1OSI
T1OSO
8K X 14
368 Bytes
256 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com