Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/P Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 117Page - Microchip Technology PIC16F883-E/P Datasheet HTML 118Page - Microchip Technology PIC16F883-E/P Datasheet HTML 119Page - Microchip Technology PIC16F883-E/P Datasheet HTML 120Page - Microchip Technology PIC16F883-E/P Datasheet HTML 121Page - Microchip Technology PIC16F883-E/P Datasheet HTML 122Page - Microchip Technology PIC16F883-E/P Datasheet HTML 123Page - Microchip Technology PIC16F883-E/P Datasheet HTML 124Page - Microchip Technology PIC16F883-E/P Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 119
PIC16F882/883/884/886/887
An example of the complete eight-word write sequence
is shown in Example 10-4. The initial address is loaded
into the EEADRH and EEADR register pair; the eight
words of data are loaded using indirect addressing.
EXAMPLE 10-4:
WRITING TO FLASH PROGRAM MEMORY
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
; This write routine assumes the following:
;
A valid starting address (the least significant bits = '000')
;
is loaded in ADDRH:ADDRL
;
ADDRH, ADDRL and DATADDR are all located in data memory
;
BANKSEL
EEADRH
MOVF
ADDRH,W
; Load initial address
MOVWF
EEADRH
;
MOVF
ADDRL,W
;
MOVWF
EEADR
;
MOVF
DATAADDR,W
; Load initial data address
MOVWF
FSR
;
LOOP
MOVF
INDF,W
; Load first data byte into lower
MOVWF
EEDATA
;
INCF
FSR,F
; Next byte
MOVF
INDF,W
; Load second data byte into upper
MOVWF
EEDATH
;
INCF
FSR,F
;
BANKSEL
EECON1
BSF
EECON1,EEPGD ; Point to program memory
BSF
EECON1,WREN
; Enable writes
BCF
INTCON,GIE
; Disable interrupts (if using)
BTFSC
INTCON,GIE
; See AN576
GOTO
$-2
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;
Required Sequence
MOVLW
55h
; Start of required write sequence:
MOVWF
EECON2
; Write 55h
MOVLW
0AAh
;
MOVWF
EECON2
; Write 0AAh
BSF
EECON1,WR
; Set WR bit to begin write
NOP
; Required to transfer data to the buffer
NOP
; registers
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
BCF
EECON1,WREN
; Disable writes
BSF
INTCON,GIE
; Enable interrupts (comment out if not using interrupts)
BANKSEL
EEADR
MOVF
EEADR, W
INCF
EEADR,F
; Increment address
ANDLW
0x0F
; Indicates when sixteen words have been programmed
SUBLW
0x0F
;
0x0F = 16 words
;
0x0B = 12 words (PIC16F884/883/882 only)
;
0x07 = 8 words
;
0x03 = 4 words(PIC16F884/883/882 only)
BTFSS
STATUS,Z
; Exit on a match,
GOTO
LOOP
; Continue if more data needs to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com