Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 16Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 17Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 18Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 19Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 20Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 21Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 22Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 23Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 20
Preliminary
 2010 Microchip Technology Inc.
13
10
RC2/CTPLS/P1A/CCP1/T5CKI/AN14
RC2
I/O
TTL
Digital I/O.
CTPLS
O
—
CTMU pulse generator output.
P1A
O
CMOS Enhanced CCP1 PWM output.
CCP1
I/O
ST
Capture 1 input/Compare 1 output/PWM 1 output.
T5CKI
I
ST
Timer5 clock input.
AN14
I
Analog Analog input 14.
14
11
RC3/SCK1/SCL1/AN15
RC3
I/O
TTL
Digital I/O.
SCK1
I/O
ST
Synchronous serial clock input/output for SPI mode
(MSSP2).
SCL1
I/O
ST
Synchronous serial clock input/output for I2C™ mode
(MSSP2).
AN15
I
Analog Analog input 15.
15
12
RC4/SDI1/SDA1/AN16
RC4
I/O
TTL
Digital I/O.
SDI1
I
ST
SPI data in (MSSP1).
SDA1
I/O
ST
I2C™ data I/O (MSSP1).
AN16
I
Analog Analog input 16.
16
13
RC5/SDO1/AN17
RC5
I/O
TTL
Digital I/O.
SDO1
O
—
SPI data out (MSSP1).
AN17
I
Analog Analog input 17.
17
14
RC6/P3A/CCP3/TX1/CK1/AN18
RC6
I/O
TTL
Digital I/O.
P3A(2)
O
CMOS Enhanced CCP3 PWM output.
CCP3(2)
I/O
ST
Capture 3 input/Compare 3 output/PWM 3 output.
TX1
O
—
EUSART 1 asynchronous transmit.
CK1
I/O
ST
EUSART 1 synchronous clock (see related RXx/DTx).
AN18
I
Analog Analog input 18.
18
15
RC7/P3B/RX1/DT1/AN19
RC7
I/O
TTL
Digital I/O.
P3B
O
CMOS Enhanced CCP3 PWM output.
RX1
I
ST
EUSART 1 asynchronous receive.
DT1
I/O
ST
EUSART 1 synchronous data (see related TXx/CKx).
AN19
I
Analog Analog input 19.
1
26
RE3/VPP/MCLR
RE3
I
ST
Digital input.
VPP
P
Programming voltage input.
MCLR
I
ST
Active-Low Master Clear (device Reset) input.
TABLE 1-2:
PIC18(L)F2XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Number
Pin Name
Pin
Type
Buffer
Type
Description
PDIP,
SOIC
QFN
Legend:
TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels;
I = Input; O = Output; P = Power.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com