Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-I/P Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC18F23K22-I/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/P Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC18F23K22-I/P Datasheet HTML 81Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 82Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 83Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 84Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 85Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 86Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 87Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 88Page - Microchip Technology PIC18F23K22-I/P Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 85
PIC18(L)F2X/4XK22
FD1h
WDTCON
——
——
—
—
—
SWDTEN
---- ---0
FD0h
RCON
IPEN
SBOREN
—RI
TO
PD
POR
BOR
01-1 1100
FCFh
TMR1H
Timer1 Register, High Byte
xxxx xxxx
FCEh
TMR1L
Timer1 Register, Low Byte
xxxx xxxx
FCDh
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1SOSCEN
T1SYNC
T1RD16
TMR1ON
0000 0000
FCCh
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 xx00
FCBh
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000
FCAh
SSP1MSK
SSP1 MASK Register bits
1111 1111
FC9h
SSP1BUF
SSP1 Receive Buffer/Transmit Register
xxxx xxxx
FC8h
SSP1ADD
SSP1 Address Register in I2C Slave Mode. SSP1 Baud Rate Reload Register in I2C Master Mode
0000 0000
FC7h
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
FC6h
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000
FC5h
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
FC4h
ADRESH
A/D Result, High Byte
xxxx xxxx
FC3h
ADRESL
A/D Result, Low Byte
xxxx xxxx
FC2h
ADCON0
—
CHS<4:0>
GO/DONE
ADON
--00 0000
FC1h
ADCON1
TRIGSEL
—
—
—
PVCFG<1:0>
NVCFG<1:0>
0--- 0000
FC0h
ADCON2
ADFM
—
ACQT<2:0>
ADCS<2:0>
0-00 0000
FBFh
CCPR1H
Capture/Compare/PWM Register 1, High Byte
xxxx xxxx
FBEh
CCPR1L
Capture/Compare/PWM Register 1, Low Byte
xxxx xxxx
FBDh
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
0000 0000
FBCh
TMR2
Timer2 Register
0000 0000
FBBh
PR2
Timer2 Period Register
1111 1111
FBAh
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000
FB9h
PSTR1CON
—
—
—
STR1SYNC
STR1D
STR1C
STR1B
STR1A
---0 0001
FB8h
BAUDCON1
ABDOVF
RCIDL
DTRXP
CKTXP
BRG16
—
WUE
ABDEN
0100 0-00
FB7h
PWM1CON
P1RSEN
P1DC<6:0>
0000 0000
FB6h
ECCP1AS
CCP1ASE
CCP1AS<2:0>
P1SSAC<1:0>
P1SSBD<1:0>
0000 0000
FB4h
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
DONE
T3GVAL
T3GSS
0000 0x00
FB3h
TMR3H
Timer3 Register, High Byte
xxxx xxxx
FB2h
TMR3L
Timer3 Register, Low Byte
xxxx xxxx
FB1h
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
T3SOSCEN
T3SYNC
T3RD16
TMR3ON
0000 0000
FB0h
SPBRGH1
EUSART1 Baud Rate Generator, High Byte
0000 0000
FAFh
SPBRG1
EUSART1 Baud Rate Generator, Low Byte
0000 0000
FAEh
RCREG1
EUSART1 Receive Register
0000 0000
FADh
TXREG1
EUSART1 Transmit Register
0000 0000
FACh
TXSTA1
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
FABh
RCSTA1
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
FAAh
EEADRH(5)
—
—
—
—
—
—
EEADR<9:8>
---- --00
FA9h
EEADR
EEADR<7:0>
0000 0000
FA8h
EEDATA
EEPROM Data Register
0000 0000
FA7h
EECON2
EEPROM Control Register 2 (not a physical register)
---- --00
FA6h
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
FA5h
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP
TMR3GIP
TMR1GIP
0000 0000
FA4h
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF
TMR3GIF
TMR1GIF
0000 0000
FA3h
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE
TMR1GIE
0000 0000
TABLE 5-2:
REGISTER FILE SUMMARY FOR PIC18(L)F2X/4XK22 DEVICES
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
PIC18(L)F4XK22 devices only.
2:
PIC18(L)F2XK22 devices only.
3:
PIC18(L)F23/24K22 and PIC18(L)F43/44K22 devices only.
4:
PIC18(L)F26K22 and PIC18(L)F46K22 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com