Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F23K22-E/P Datasheet HTML 1Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 2Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 3Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 4Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 5Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 6Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 7Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 8Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 3
PIC18(L)F2X/4XK22
High-Performance RISC CPU:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• Up to 1024 Bytes Data EEPROM
• Up to 64 Kbytes Linear Program Memory
Addressing
• Up to 3896 Bytes Linear Data Memory Address-
ing
• Up to 16 MIPS Operation
• 16-bit Wide Instructions, 8-bit Wide Data Path
• Priority Levels for Interrupts
• 31-Level, Software Accessible Hardware Stack
• 8 x 8 Single-Cycle Hardware Multiplier
Flexible Oscillator Structure:
• Precision 16 MHz Internal Oscillator Block:
- Factory calibrated to ± 1%
- Selectable frequencies, 31 kHz to 16 MHz
- 64 MHz performance available using PLL –
no external components required
• Four Crystal modes up to 64 MHz
• Two External Clock modes up to 64 MHz
• 4X Phase Lock Loop (PLL)
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock
stops
- Two-Speed Oscillator Start-up
Analog Features:
• Analog-to-Digital Converter (ADC) module:
- 10-bit resolution, up to 30 external channels
- Auto-acquisition capability
- Conversion available during Sleep
- Fixed Voltage Reference (FVR) channel
- Independent input multiplexing
• Analog Comparator module:
- Two rail-to-rail analog comparators
- Independent input multiplexing
• Digital-to-Analog Converter (DAC) module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
• Charge Time Measurement Unit (CTMU) module:
- Supports capacitive touch sensing for touch
screens and capacitive switches
Extreme Low-Power Management
with nanoWatt XLP:
• Sleep mode: 20 nA, typical
• Watchdog Timer: 300 nA, typical
• Timer1 Oscillator: 800 nA @ 32 kHz
• Peripheral Module Disable
Special Microcontroller Features:
• Full 5.5V Operation – PIC18FXXK22 devices
• 1.8V to 3.6V Operation – PIC18LFXXK22 devices
• Self-Programmable under Software Control
• High/Low-Voltage Detection (HLVD) module:
- Programmable 16-Level
- Interrupt on High/Low-Voltage Detection
• Programmable Brown-out Reset (BOR):
- With software enable option
- Configurable shutdown in Sleep
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• In-Circuit Serial Programming™ (ICSP™):
- Single-Supply 3V
• In-Circuit Debug (ICD)
Peripheral Highlights:
• Up to 35 I/O Pins plus 1 Input-Only Pin:
- High-Current Sink/Source 25 mA/25 mA
- Three programmable external interrupts
- Four programmable interrupt-on-change
- Nine programmable weak pull-ups
- Programmable slew rate
•SR Latch:
- Multiple Set/Reset input options
• Two Capture/Compare/PWM (CCP) modules
• Three Enhanced CCP (ECCP) modules:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
- PWM steering
• Two Master Synchronous Serial Port (MSSP)
modules:
- 3-wire SPI (supports all 4 modes)
-I2C™ Master and Slave modes with address
mask
28/40/44-Pin, Low-Power, High-Performance
Microcontrollers with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com