Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F23K22-E/P Datasheet HTML 1Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 2Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 3Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 4Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 5Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 6Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 7Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 8Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 4
Preliminary
 2010 Microchip Technology Inc.
• Two Enhanced Universal Synchronous
Asynchronous Receiver Transmitter (EUSART)
modules:
- Supports RS-485, RS-232 and LIN
- RS-232 operation using internal oscillator
- Auto-Wake-up on Break
- Auto-Baud Detect
Device
Program
Memory
Data Memory
MSSP
PIC18(L)F23K22
8K
4096
512
256
25
19
2
1
2
2
2
2
2
Y
Y
Y
3
4
PIC18(L)F24K22 16K
8192
768
256
25
19
2
1
2
2
2
2
2
YY
Y
34
PIC18(L)F25K22 32K
16384
1536
256
25
19
2
1
2
2
2
2
2
YY
Y
34
PIC18(L)F26K22
64k
32768
3896
1024
25
19
2
1
2
2
2
2
2
YY
Y
34
PIC18(L)F43K22
8K
4096
512
256
36
30
2
2
1
2
2
2
2
YY
Y
34
PIC18(L)F44K22 16K
8192
768
256
36
30
2
2
1
2
2
2
2
YY
Y
34
PIC18(L)F45K22 32K
16384
1536
256
36
30
2
2
1
2
2
2
2
YY
Y
34
PIC18(L)F46K22
64k
32768
3896
1024
36
30
2
2
1
2
2
2
2
YY
Y
34
Note 1: One pin is input only.
2: Channel count includes internal FVR and DAC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com