Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/P Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 131Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 132Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 133Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 134Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 135Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 136Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 137Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 138Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 135
PIC18(L)F2X/4XK22
RA6/CLKO/OSC2
RA6
01
O
DIG
LATA<6> data output; enabled in INTOSC modes when
CLKO is not enabled.
10
I
TTL
PORTA<6> data input; enabled in INTOSC modes when
CLKO is not enabled.
CLKO
x1
O
DIG
In RC mode, OSC2 pin outputs CLKOUT which has 1/4 the
frequency of OSC1 and denotes the instruction cycle rate.
OSC2
xx
O
XTAL
Oscillator crystal output; connects to crystal or resonator in
Crystal Oscillator mode.
RA7/CLKI/OSC1
RA7
01
O
DIG
LATA<7> data output; disabled in external oscillator modes.
10
I
TTL
PORTA<7> data input; disabled in external oscillator
modes.
CLKI
x1
I
AN
External clock source input; always associated with pin
function OSC1.
OSC1
xx
I
XTAL
Oscillator crystal input or external clock source input ST
buffer when configured in RC mode; CMOS otherwise.
TABLE 10-1:
PORTA I/O SUMMARY (CONTINUED)
Pin Name
Function
TRIS
Setting
ANSEL
Setting
Pin
Type
Buffer
Type
Description
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS
= CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with
I2C.
TABLE 10-2:
REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
152
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH<1:0>
310
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH<1:0>
311
VREFCON1
DACEN
DACLPS DACOE
—
DACPSS<1:0>
—
DACNSS
341
VREFCON2
—
—
—
DACR<4:0>
342
HLVDCON
VDIRMAG
BGVST
IRVST
HLVDEN
HLVDL<3:0>
343
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
151
SLRCON
—
—
—
SLRE
SLRD
SLRC
SLRB
SLRA
156
SRCON0
SRLEN
SRCLK<2:0>
SRQEN
SRNQEN
SRPS
SRPR
335
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS<2:0>
157
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
154
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTA.
TABLE 10-3:
CONFIGURATION REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CONFIG1H
IESO
FCMEN PRICLKEN PLLCFG
FOSC<3:0>
351
Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com