Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22-E/P Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 169Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 170Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 171Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 172Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 173Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 174Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 175Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 176Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 173
PIC18(L)F2X/4XK22
13.0 TIMER2/4/6 MODULE
There are three identical 8-bit Timer2-type modules
available. To maintain pre-existing naming conventions,
the Timers are called Timer2, Timer4 and Timer6 (also
Timer2/4/6).
The Timer2/4/6 module incorporates the following
features:
• 8-bit Timer and Period registers (TMRx and PRx,
respectively)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMRx match with PRx, respectively
• Optional use as the shift clock for the MSSPx
modules (Timer2 only)
See Figure 13-1 for a block diagram of Timer2/4/6.
FIGURE 13-1:
TIMER2/4/6 BLOCK DIAGRAM
Note:
The ‘x’ variable used in this section is used
to designate Timer2, Timer4, or Timer6.
For example, TxCON references T2CON,
T4CON, or T6CON. PRx references PR2,
PR4, or PR6.
Comparator
TMRx
Sets Flag
TMRx
Output
Reset
Postscaler
Prescaler
PRx
2
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16, 1:64
EQ
4
bit TMRxIF
TxOUTPS<3:0>
TxCKPS<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com