Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F505-E/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F505-E/ST Datasheet HTML 1Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 2Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 3Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 4Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 5Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 6Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 7Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 3
PIC12F508/509/16F505
Devices Included In This Data Sheet:
High-Performance RISC CPU:
• Only 33 Single-Word Instructions to Learn
• All Single-Cycle Instructions Except for Program
Branches, which are Two-Cycle
• 12-Bit Wide Instructions
• 2-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
for Data and Instructions
• 8-Bit Wide Data Path
• 8 Special Function Hardware Registers
• Operating Speed:
- DC – 20 MHz clock input (PIC16F505 only)
- DC – 200 ns instruction cycle (PIC16F505
only)
- DC – 4 MHz clock input
- DC – 1000 ns instruction cycle
Special Microcontroller Features:
• 4 MHz Precision Internal Oscillator:
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with Dedicated On-Chip
RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-Ups on I/O Pins
• Power-Saving Sleep mode
• Wake-Wp from Sleep on Pin Change
• Selectable Oscillator Options:
- INTRC: 4 MHz precision Internal oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High-speed crystal/resonator
(PIC16F505 only)
- LP:
Power-saving, low-frequency crystal
- EC:
High-speed external clock input
(PIC16F505 only)
Low-Power Features/CMOS Technology:
• Operating Current:
- < 175
μA @ 2V, 4 MHz, typical
• Standby Current:
- 100 nA @ 2V, typical
• Low-Power, High-Speed Flash Technology:
- 100,000 Flash endurance
- > 40 year retention
• Fully Static Design
• Wide Operating Voltage Range: 2.0V to 5.5V
• Wide Temperature Range:
- Industrial: -40
°C to +85°C
- Extended: -40
°C to +125°C
Peripheral Features (PIC12F508/509):
• 6 I/O Pins:
- 5 I/O pins with individual direction control
- 1 input only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
Peripheral Features (PIC16F505):
• 12 I/O Pins:
- 11 I/O pins with individual direction control
- 1 input only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit
Programmable Prescaler
• PIC12F508
• PIC12F509
• PIC16F505
8/14-Pin, 8-Bit Flash Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com