Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505-E/ST Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F505-E/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F505-E/ST Datasheet HTML 87Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 88Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 89Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 90Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 91Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 92Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 93Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 94Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 91
PIC12F508/509/16F505
12.0
PACKAGING INFORMATION
12.1
Package Marking Information
8-Lead SOIC (3.90 mm)
XXXXXXXX
XXXXYYWW
NNN
Example
12F509-I
/SN
0610
017
8-Lead MSOP
XXXXXX
YWWNNN
Example
12F509
0610017
3
e
X X X
Y W W
N N
8-Lead 2x3 DFN*
B E Q
6 1 0
1 7
Example
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
/P
017
Example
12F508-I
0610
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com