Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SS Datasheet(PDF) 230 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 230 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 226Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 227Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 228Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 229Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 230Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 231Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 232Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 233Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 228
© 2009 Microchip Technology Inc.
FIGURE 14-11:
TYPICAL IN-CIRCUIT
SERIAL
PROGRAMMING™
CONNECTION
14.10 Low-Voltage (Single-Supply) ICSP
Programming
The LVP bit of the Configuration Word enables
low-voltage ICSP programming. This mode allows the
microcontroller to be programmed via ICSP using a
VDD source in the operating voltage range. This only
means that VPP does not have to be brought to VIHH but
can instead be left at the normal operating voltage. In
this mode, the RB3/PGM pin is dedicated to the
programming function and ceases to be a general
purpose I/O pin. During programming, VDD is applied to
the MCLR pin. To enter Programming mode, VDD must
be applied to the RB3/PGM provided the LVP bit is set.
The LVP bit defaults to on (‘1’) from the factory.
If Low-Voltage Programming mode is not used, the LVP
bit can be programmed to a ‘0’ and RB3/PGM becomes
a digital I/O pin. However, the LVP bit may only be
programmed when programming is entered with VIHH
on MCLR. The LVP bit can only be charged when using
high voltage on MCLR.
It should be noted, that once the LVP bit is programmed
to ‘0’, only the High-Voltage Programming mode is
available and only High-Voltage Programming mode
can be used to program the device.
When using low-voltage ICSP, the part must be
supplied at 4.5V to 5.5V if a bulk erase will be executed.
This includes reprogramming of the code-protect bits
from an on state to an off state. For all other cases of
low-voltage ICSP, the part may be programmed at the
normal operating voltage. This means calibration
values, unique user IDs or user code can be
reprogrammed or added.
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F882/883/
VDD
VSS
RE3/MCLR/VPP
RB6
RB7
+5V
0V
VPP
CLK
Data I/O
*
*
*
*
*
Isolation devices (as required)
884/886/887
Note 1: The High-Voltage Programming mode is
always available, regardless of the state
of the LVP bit, by applying VIHH to the
MCLR pin.
2: While in Low-Voltage ICSP mode, the
RB3 pin can no longer be used as a
general purpose I/O pin.
3: When using Low-Voltage ICSP Program-
ming (LVP) and the pull-ups on PORTB
are enabled, bit 3 in the TRISB register
must be cleared to disable the pull-up on
RB3 and ensure the proper operation of
the device.
4: RB3 should not be allowed to float if LVP
is enabled. An external pull-down device
should be used to default the device to
normal operating mode. If RB3 floats
high, the PIC16F882/883/884/886/887
device will enter Programming mode.
5: LVP mode is enabled by default on all
devices shipped from Microchip. It can be
disabled by clearing the LVP bit in the
CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com