Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SS Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 227Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 228Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 229Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 230Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 231Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 232Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 233Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 234Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 229
PIC16F882/883/884/886/887
14.11 In-Circuit Debugger
The PIC16F882/883/884/886/887-ICD can be used in
any of the package types. The device will be mounted
on the target application board, which in turn has a 3 or
4 wire connection to the ICD tool.
When the debug bit in the Configuration Word
(CONFIG<13>) is programmed to a ‘0’, the In-Circuit
Debugger functionality is enabled. This function allows
simple debugging functions when used with MPLAB®
ICD 2. When the microcontroller has this feature
enabled, some of the resources are not available for
general use. See Table 14-9 for more detail.
For more information, see “Using MPLAB® ICD 2”
(DS51265),
available
on
Microchip’s
web
site
(www.microchip.com).
14.11.1 ICD PINOUT
The devices in the PIC16F88X family carry the
circuitry for the In-Circuit Debugger on-chip and on
existing device pins. This eliminates the need for a
separate die or package for the ICD device. The pinout
for the ICD device is the same as the devices (see
Section 1.0 “Device Overview” for complete pinout
and pin descriptions). Table 14-9 shows the location
and function of the ICD related pins on the 28 and 40
pin devices.
TABLE 14-9:
PIC16F883/884/886/887-ICD PIN DESCRIPTIONS
Note: The user’s application must have the
circuitry
required
to
support
ICD
functionality. Once the ICD circuitry is
enabled, normal device pin functions on
RB6/ICSPCLK and RB7/ICSPDAT will not
be usable. The ICD circuitry uses these pins
for communication with the ICD2 external
debugger.
Pin (PDIP)
Name
Type
Pull-up
Description
PIC16F884/887
PIC16F882/883/
886
40
28
ICDDATA
TTL
—
In-Circuit Debugger Bidirectional data
39
27
ICDCLK
ST
—
In-Circuit Debugger Bidirectional clock
11
MCLR/VPP
HV
—
Programming voltage
11,32
20
VDD
P—
12,31
8,19
VSS
P—
Legend: TTL = TTL input buffer, ST = Schmitt Trigger input buffer, P = Power, HV = High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com