Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT201 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # INT201
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  INT201 Datasheet HTML 1Page - Power Integrations, Inc. INT201 Datasheet HTML 2Page - Power Integrations, Inc. INT201 Datasheet HTML 3Page - Power Integrations, Inc. INT201 Datasheet HTML 4Page - Power Integrations, Inc. INT201 Datasheet HTML 5Page - Power Integrations, Inc. INT201 Datasheet HTML 6Page - Power Integrations, Inc. INT201 Datasheet HTML 7Page - Power Integrations, Inc. INT201 Datasheet HTML 8Page - Power Integrations, Inc. INT201 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INT201
F
2/96
4
Figure 6. Using the INT202 and INT201 to Drive a Switched Reluctance Motor.
General Circuit Operation (cont.)
The bootstrap capacitor must be large
enough to provide bias current over the
entire on time interval of the high-side
driver without significant voltage sag or
decay. The MOSFET gate charge must
also be supplied at the desired switching
frequency. Figure 5 shows the maximum
high-side on time versus gate charge of
the external MOSFET.
Applications
with extremely long high-side on times
require special techniques discussed in
AN-10.
A three-phase switched reluctance motor
example using the INT202/201 is given
in Figure 6. The LS IN signal directly
controls MOSFET Q1.
Unlike the
INT200, the INT202 allows both the
low and high-side drivers to be on at the
same time, as this is required in
applications where the load is placed
between the low and high-side output
MOSFETs.
PI-1468-042695
HV+
VDD
CONTROL
HV-
12
34
87
65
12
34
87
65
INT201
INT202
PHASE 1
PHASE 2
PHASE 3
3-PHASE
SRM
D1
C2
C1
R1
R2
D2
D3
Q2
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com