Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT201 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # INT201
Description  Floating Inputs Floating High-side Drive
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT201 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  INT201 Datasheet HTML 1Page - Power Integrations, Inc. INT201 Datasheet HTML 2Page - Power Integrations, Inc. INT201 Datasheet HTML 3Page - Power Integrations, Inc. INT201 Datasheet HTML 4Page - Power Integrations, Inc. INT201 Datasheet HTML 5Page - Power Integrations, Inc. INT201 Datasheet HTML 6Page - Power Integrations, Inc. INT201 Datasheet HTML 7Page - Power Integrations, Inc. INT201 Datasheet HTML 8Page - Power Integrations, Inc. INT201 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
F
2/96
INT201
3
Figure 4. Using the INT200 and INT201 in a 3-phase Configuration.
General Circuit Operation
One phase of a three-phase brushless
DC motor drive circuit is shown in Figure
4 to illustrate an application of the
INT200/201. The LS IN signal directly
controls MOSFET Q1. The
HSINsignal
causes the INT200 to command the
INT201 to turn MOSFET Q2 on or off as
required. The INT200 will ignore input
signals that would command both Q1
and Q2 to conduct simultaneously,
protecting against shorting the HV+ bus
to HV-.
Local bypassing for the low-side driver
is provided by C1. Bootstrap bias for the
high-side driver is provided by D1 and
C2. Slew rate and effects of parasitic
oscillations in the load waveforms are
controlled by resistors R1 and R2.
The inputs are designed to be compatible
with 5 V CMOS logic levels and should
not be connected to V
DD. Normal CMOS
power supply sequencing should be
observed. The order of signal application
should be V
DD, logic signals, and then
HV+.
The INT201 is latched on and off by the
edges of the appropriate low-side logic
signal (
HS INfor the INT200 and HS IN
for the INT202). The high-side driver
will latch off and stay off if the bootstrap
capacitor discharges below the
undervoltage lockout threshold.
Undervoltage lockout-induced turn off
can occur during conditions such as
power ramp up, motor start, or low speed
operation.
Figure 5. High-side On Time versus Bootstrap Capacitor.
PI-1467-042695
HV+
VDD
LS IN
HV-
INT201
INT200
PHASE 1
PHASE 2
PHASE 3
3-PHASE
BRUSHLESS
DC MOTOR
D1
C1
C2
R1
R2
Q2
Q1
HS IN
12
34
87
65
12
34
87
65
1000
0.1
0.01
0.01
0.1
1
10
100
High Side ON Time (ms)
CBOOTSTRAP vs. ON TIME
1
100
10
QG = 20 nC
QG = 100 nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com