Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12C508 Datasheet(PDF) 67 Page - Microchip Technology

Part # 12C508
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 Datasheet(HTML) 67 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 63Page - Microchip Technology 12C508 Datasheet HTML 64Page - Microchip Technology 12C508 Datasheet HTML 65Page - Microchip Technology 12C508 Datasheet HTML 66Page - Microchip Technology 12C508 Datasheet HTML 67Page - Microchip Technology 12C508 Datasheet HTML 68Page - Microchip Technology 12C508 Datasheet HTML 69Page - Microchip Technology 12C508 Datasheet HTML 70Page - Microchip Technology 12C508 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 67
PIC12C5XX
11.2
DC CHARACTERISTICS:
PIC12C508/509 (Commercial, Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
≤ TA ≤ +70°C (commercial)
–40°C
≤ TA ≤ +85°C (industrial)
–40°C
≤ TA ≤ +125°C (extended)
Operating voltage VDD range as described in DC spec Section 11.1 and
Section 11.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
-
D030
with TTL buffer
VSS
-0.8V
V
4.5
< VDD ≤ 5.5V
-0.15VDD
Votherwise
D031
with Schmitt Trigger buffer
VSS
-0.15VDD
V
D032
MCLR, GP2/T0CKI (in EXTRC mode)
VSS
-0.15VDD
V
D033
OSC1 (EXTRC) (1)
VSS
-0.15VDD
D033
OSC1 (in XT and LP)
VSS
-0.3VDD
VNote1
Input High Voltage
I/O ports
VIH
-
D040
with TTL buffer
VSS
2.0V
-
VDD
V4.5
≤ VDD ≤ 5.5V
D040A
0.25VDD +
0.8V
-VDD
Votherwise
D041
with Schmitt Trigger buffer
0.85VDD
-VDD
V
For entire VDD range
D042
MCLR/GP2/T0CKI
0.85VDD
-VDD
V
D042A OSC1 (XT and LP)
0.7VDD
-VDD
VNote1
D043
OSC1 (in EXTRC mode)
0.85VDD
-VDD
V
D070
GPIO weak pull-up current
IPUR
50
250
400
µAVDD = 5V, VPIN = VSS
Input Leakage Current (2, 3)
For VDD
≤5.5V
D060
I/O ports
IIL
-1
0.5
+1
µA Vss ≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, GP2/T0CKI
20
130
0.5
250
+5
µA
µA
VPIN = VSS + 0.25V(2)
VPIN = VDD
D063
OSC1
-3
0.5
+3
µA Vss ≤ VPIN ≤ VDD,
XT and LP options
Output Low Voltage
D080
I/O ports/CLKOUT
VOL
--
0.6
V
IOL = 8.7 mA, VDD = 4.5V
Output High Voltage
D090
I/O ports/CLKOUT (3)
VOH
VDD - 0.7
--V
IOH = -5.4 mA, VDD = 4.5V
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
-
-
15
pF
In XT and LP modes when
external clock is used to drive
OSC1.
D101
All I/O pins
CIO
-
-
50
pF
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the PIC12C5XX be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com