Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12C508 Datasheet(PDF) 13 Page - Microchip Technology

Part # 12C508
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 9Page - Microchip Technology 12C508 Datasheet HTML 10Page - Microchip Technology 12C508 Datasheet HTML 11Page - Microchip Technology 12C508 Datasheet HTML 12Page - Microchip Technology 12C508 Datasheet HTML 13Page - Microchip Technology 12C508 Datasheet HTML 14Page - Microchip Technology 12C508 Datasheet HTML 15Page - Microchip Technology 12C508 Datasheet HTML 16Page - Microchip Technology 12C508 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 13
PIC12C5XX
4.0
MEMORY ORGANIZATION
PIC12C5XX memory is organized into program mem-
ory and data memory. For devices with more than 512
bytes of program memory, a paging scheme is used.
Program memory pages are accessed using one STA-
TUS register bit. For the PIC12C509, PIC12C509A,
PICCR509A and PIC12CE519 with a data memory
register file of more than 32 registers, a banking
scheme is used. Data memory banks are accessed
using the File Select Register (FSR).
4.1
Program Memory Organization
The PIC12C5XX devices have a 12-bit Program
Counter (PC) capable of addressing a 2K x 12
program memory space.
Only the first 512 x 12 (0000h-01FFh) for the
PIC12C508, PIC12C508A and PIC12CE518 and 1K x
12 (0000h-03FFh) for the PIC12C509, PIC12C509A,
PIC12CR509A,
and
PIC12CE519
are
physically
implemented.
Refer
to
Figure 4-1.
Accessing
a
location above these boundaries will cause a wrap-
around within the first 512 x 12 space (PIC12C508,
PIC12C508A and PIC12CE518) or 1K x 12 space
(PIC12C509,
PIC12C509A,
PIC12CR509A
and
PIC12CE519). The effective reset vector is at 000h,
(see
Figure 4-1).
Location
01FFh
(PIC12C508,
PIC12C508A and PIC12CE518) or location 03FFh
(PIC12C509,
PIC12C509A,
PIC12CR509A
and
PIC12CE519)
contains the internal clock oscillator
calibration
value.
This
value
should
never
be
overwritten.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK
CALL, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
12
0000h
7FFh
01FFh
0200h
On-chip Program
Memory
Reset Vector (note 1)
Note 1: Address 0000h becomes the
effective reset vector. Location
01FFh (PIC12C508, PIC12C508A,
PIC12CE518) or location 03FFh
(PIC12C509, PIC12C509A,
PIC12CR509A, PIC12CE519) con-
tains the MOVLW XX INTERNAL RC
oscillator calibration value.
512 Word
1024 Word
03FFh
0400h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com