Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12C508 Datasheet(PDF) 102 Page - Microchip Technology

Part # 12C508
Description  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 Datasheet(HTML) 102 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 98Page - Microchip Technology 12C508 Datasheet HTML 99Page - Microchip Technology 12C508 Datasheet HTML 100Page - Microchip Technology 12C508 Datasheet HTML 101Page - Microchip Technology 12C508 Datasheet HTML 102Page - Microchip Technology 12C508 Datasheet HTML 103Page - Microchip Technology 12C508 Datasheet HTML 104Page - Microchip Technology 12C508 Datasheet HTML 105Page - Microchip Technology 12C508 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
PIC12C5XX
DS40139E-page 102
© 1999 Microchip Technology Inc.
Package Type:
K04-056 8-Lead Plastic Small Outline (SM) – Medium, 208 mil
MIN
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Radius Centerline
Gull Wing Radius
Shoulder Radius
Outside Dimension
Molded Package Width
Molded Package Length
Shoulder Height
Overall Pack. Height
Lead Thickness
Foot Angle
Foot Length
Standoff
Number of Pins
Pitch
c
β
α
B†
φ
A2
A1
A
n
p
R2
L1
L
R1
E1
D‡
E‡
Dimension Limits
Units
8
0.010
0.009
0.008
12
12
0.017
0
0.014
0
0.020
15
15
0.015
0.016
0.005
0.005
0.313
0.208
0.205
0.005
0.042
0.074
0.050
0.005
0.010
0.011
0
0.005
0.300
0.037
0.203
0.200
0.002
0.070
0.020
0.021
0.010
0.010
0.325
48
0.213
0.210
0.009
0.048
0.079
8
0.25
0.22
0.19
0.36
0
0
12
12
0.43
15
15
0.51
0.25
0.28
0.13
0.13
7.62
0
5.16
5.08
0.05
0.94
1.78
0.13
4
0.38
0.41
0.13
7.94
0.25
0.51
0.53
0.25
8.26
1.08
5.21
5.28
0.14
8
1.89
1.27
1.21
5.33
5.41
0.22
2.00
NOM
INCHES*
MAX
NOM
MILLIMETERS
MIN
MAX
n
1
2
R2
R1
α
A1
A
A2
L1
L
c
β
φ
D
p
B
E1
E
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com