Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1366CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1366CS8 Datasheet HTML 12Page - Linear Technology LT1366CS8 Datasheet HTML 13Page - Linear Technology LT1366CS8 Datasheet HTML 14Page - Linear Technology LT1366CS8 Datasheet HTML 15Page - Linear Technology LT1366CS8 Datasheet HTML 16Page - Linear Technology LT1366CS8 Datasheet HTML 17Page - Linear Technology LT1366CS8 Datasheet HTML 18Page - Linear Technology LT1366CS8 Datasheet HTML 19Page - Linear Technology LT1366CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
the 2 op amp loop to create a negative summing junction
at A1’s positive input1. The circuit has low sensitivities for
center frequency and Q, which are set with the following
equations:
ω02 = 1/(R1 • C1 • R2 • C2)
where:
R1 = 1/(
ω0 • Q • C1) and R2 = Q/(ω0 • C2).
TheDCbiasappliedtoA2andA4,halfsupply,isnotneeded
when split supplies are available. The circuit swings rail-
to-rail in the passband making it an excellent anti-aliasing
filter for ADCs. The amplitude response is flat to 1kHz then
rolls off at 80dB/decade.
Typical applicaTions
1James Hahn, “State Variable Filter Trims Predecessor’s Component Count,” Electronics, April
21, 1982.
FREQUENCY (Hz)
100
–80
–60
–40
–20
0
–144
–72
0
72
180
144
108
36
–36
–108
–180
1k
10k
1366 F09
GAIN
PHASE
VOUT
10k
V+
2
3
5
6
7
VIN
1
22pF
1M
1M
SIGNAL AMP
CANCELLATION AMP
–
+
–
+
1/2 LT1366
1/2 LT1366
1366 F10
RP
10k
RL
VCC
–
+
1/2 LT1366
1366 F11
Figure 10. Input Bias Current Cancellation
Figure 9. Frequency Response of 4th Order Butterworth Filter
Figure 11. Rail-to-Rail Potentiometer Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com