Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1366CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1366CS8 Datasheet HTML 2Page - Linear Technology LT1366CS8 Datasheet HTML 3Page - Linear Technology LT1366CS8 Datasheet HTML 4Page - Linear Technology LT1366CS8 Datasheet HTML 5Page - Linear Technology LT1366CS8 Datasheet HTML 6Page - Linear Technology LT1366CS8 Datasheet HTML 7Page - Linear Technology LT1366CS8 Datasheet HTML 8Page - Linear Technology LT1366CS8 Datasheet HTML 9Page - Linear Technology LT1366CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
elecTrical characTerisTics T
A = 25°C, VS = ±15V, VCM = 0V, VO = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
VCM = VEE
200
200
700
700
µV
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
VCM = VEE
200
200
1000
900
µV
µV
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
150
300
500
1300
µV
µV
Input Offset Voltage Shift (LT1367/LT1369)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
150
300
650
2000
µV
µV
IB
Input Bias Current
VCM = VCC
VCM = VEE
0
–35
10
–10
35
0
nA
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
20
70
nA
IOS
Input Offset Current
VCM = VCC
VCM = VEE
1.0
0.3
12
12
nA
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
1
12
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 4)
VCM = VEE (Note 4)
0
0
1
1
12
12
nA
nA
CIN
Input Capacitance
7.1
pF
AVOL
Large-Signal Voltage Gain
VO = –14.7V to 14.7V, RL = 10k
VO = –10V to 10V, RL = 2k
1000
500
10000
10000
V/mV
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
120
135
dB
SR
Slew Rate (LT1366/LT1367)
AV = –1, RL = Open, VO = ±10V,
Measured at VO = ±5V
0.13
V/µs
Slew Rate (LT1368/LT1369)
AV = –1, RL = Open, VO = ±10V,
Measured at VO = ±5V
0.065
V/µs
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
95
89
106
106
dB
dB
Common Mode Rejection Ratio (LT1367/LT1369)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
93
87
106
106
dB
dB
PSRR
Power Supply Rejection Ratio
PSRR Match (Channel to Channel)
VS = ±5V to ±15V
VS = ±5V to ±15V (Note 4)
90
84
110
105
dB
dB
VOL
Output Voltage Swing Low
No Load
ISINK = 0.5mA
ISINK = 10mA
VEE + 0.006
VEE + 0.040
VEE + 0.240
VEE + 0.012
VEE + 0.070
VEE + 0.500
V
V
V
VOH
Output Voltage Swing High
No Load
ISINK = 0.5mA
ISINK = 2.5mA
VCC – 0.012
VCC – 0.100
VCC – 0.800
VCC – 0.004
VCC – 0.050
VCC – 0.400
V
V
V
ISC
Short-Circuit Current
(Note 2)
±30
±75
mA
IS
Supply Current per Amplifier
370
550
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com