Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRK Datasheet(PDF) 1 Page - Tyco Electronics

Part # SSRK
Description  10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRK Datasheet(HTML) 1 Page - Tyco Electronics

  SSRK Datasheet HTML 1Page - Tyco Electronics SSRK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SSRK Series Solid State Relays
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Issued 4-09
www.tycoelectronics.com
1
Sample Part Number
SSRK
-600
A
1. Basic Series: SSRK = Slim Solid State Relay with Integral Heatsink for DIN Rail Mounting
30
2. Line Voltage: 600 = 48 - 660 VAC
3. Input Type & Voltage: A = 90 - 280VAC
D = 4 - 32VDC
4. Maximum Switching Rating/Output: 10 = 10.0A rms
20 = 20.0A rms
30 = 30.0A rms
Ordering Information
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4,000V rms input-to-output-to-ground.
Insulation Resistance: 109 Ohms, minimum, at 500VDC.
Capacitance: 8.0 pf maximum (input to output).
Temperature Range:
Storage: –40°C to +125°C
Operating: –40°C to + 80°C
Case and Mounting: Refer to outline dimension drawing.
Termination:
Load & Control: Finger safe (IP20) screw clamps accepting
wire size up to #10 AWG (3 mm).
Ground: #10 screw with 5/16 in. hex/slottted head.
Installation Spacing: Minimum 0.8 in (20 mm) space between units.
Approximate Weight: 9.9 oz. (284 g).
Features
• Narrow (22.5mm), DIN mount design with integral heatsink.
• Choice of 10, 20 or 30A rms inverse-parallel connected SCR output.
• 48 - 660VAC output.
• 4 -32VDC or 90 - 280Vrms input control.
• 4,000V rms optical isolation.
• Green LED input status indicator.
• Finger-safe (IP20) screw clamp terminals for load and control.
• Ground terminal.
Input Specifications
Parameter
Conditions
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current Range (Typ.)
4.0 - 32 VDC
4.0 VDC
1.0 VDC
8 - 12 mA
Must Operate Voltage V
(Min.)
IN
IN(OP)
IN(REL)
DC Control Units
90 - 280 Vrms
90 Vrms
10 Vrms
2 mA @ 120 Vrms, 4 mA @ 240 Vrms
AC Control Units
@ 25°C
@ 25°C
@ 25°C
@ 25°C
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRK-600A10
SSRK-600A20
SSRK-600A30
SSRK-600D10
SSRK-600D20
SSRK-600D30
File E29244
File LR246041
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
SSRK series
10-30A DIN Mount Solid State Relay
With Paired SCR Output, Integral Heatsink


Similar Part No. - SSRK

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSRK TEC-SSRK Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-240A20 TEC-SSRK-240A20 Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-240A30 TEC-SSRK-240A30 Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-240D20 TEC-SSRK-240D20 Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK-240D30 TEC-SSRK-240D30 Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results

Similar Description - SSRK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRA MACOM-SSRA Datasheet
349Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC MACOM-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
SSRF MACOM-SSRF Datasheet
367Kb / 2P
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRM MACOM-SSRM Datasheet
376Kb / 2P
45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
?쏦ockey Puck??Solid State Relay With Paired SCR Output
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRA TEC-SSRA Datasheet
181Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC TEC-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
SSRK TEC-SSRK Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com