Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRK Datasheet(PDF) 2 Page - Tyco Electronics

Part # SSRK
Description  10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRK Datasheet(HTML) 2 Page - Tyco Electronics

  SSRK Datasheet HTML 1Page - Tyco Electronics SSRK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SSRK Series Solid State Relays
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
3.2
(81.3)
3.5
(88.9)
3.9
(99.0)
.5
(12.7)
OUTPUT
U
T ST A
MOUNTING HOLE
0.17 (4.3) DIA.
BLACK
ANODIZED
ALUMINUM
HEATSINK
2.6
(66.0)
.890
(22.5)
3.2
(81.9)
1/L1
2/T1
+3/A1
4/A2
MOUNTING SLOT
0.17 x 0.20 (4.3 x 5.1)
Outline Dimensions
Electrical Characteristics (Thermal Derating Curves)
*See Thermal Derating Curves.
Parameter
Conditions
Units
10A Rated Units
30A Rated Units
Load Voltage Range V
Repetitive Blocking Voltage (Min.)
I t Rating (Max.)
A Sec.
V rms
V/µs
ms
ms
Turn-Off Time (Max.)
I = Max.
2
Turn-On Time (Max.)
L
L
48-660
Single Cycle Surge Current (Min.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating (Min,)
L
t = 8.3 ms
2
f = 60 Hz.
f = 47-63 Hz.
f = 60 Hz.
I = Max.
L
f = 60 Hz. V = 600Vrms
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
625
0.15 - 30.0
±1200
1,620
1.0
1.6
500
8.3
L
0.5
20A Rated Units
48-660
250
0.15 - 20.0
±1200
260
1.0
1.6
500
8.3
0.5
48-660
8.3 for Zero Voltage Turn-On Models
0.02 for Random Voltage Turn-On Models
120
0.15 - 10.0
±1200
60
1.0
1.6
500
8.3
0.5
V = Max.
L
Output Specifications (@ 25° C, unless otherwise specified)
20
15
25
30
10
5
0
20
040
60
80
Ambient Temperature (°C)
20A Rated Units
10A Rated Units
30A Rated Units
Disclaimer
While Tyco Electronics has made every reasonable effort to ensure the
accuracy of the information in this document, Tyco Electronics does not
guarantee that it is error-free, nor does Tyco Electronics make any other
representation, warranty or guarantee that the information is accurate,
correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments to the
information contained herein at any time without notice. Tyco Electronics
expressly disclaims all implied warranties regarding the information
contained herein, including, but not limited to, any implied warranties of
merchantability or fitness for a particular purpose.
The dimensions in this catalog are for reference purposes only and are
subject to change without notice. Specifications are subject to change
without notice. Consult Tyco Electronics for the latest dimensions and
design specifications.
Recommended Torque Range for Terminal Screws: 5 - 6 in lb (0.6 - 0.7 Nm).
Catalog 8-1773454-4
Issued 4-09
www.tycoelectronics.com
© 2009 by Tyco Electronics Corporation. All Rights Reserved.
TE logo and Tyco Electronics are trademarks.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com