Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRM Datasheet(PDF) 1 Page - Tyco Electronics

Part # SSRM
Description  45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRM Datasheet(HTML) 1 Page - Tyco Electronics

  SSRM Datasheet HTML 1Page - Tyco Electronics SSRM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SSRM Series Solid State Relays
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Issued 4-09
www.tycoelectronics.com
1
Sample Part Number
SSRM
-600
A
1. Basic Series: SSRM = Solid State Relay with Integral Heatsink for DIN Rail Mounting
55
2. Line Voltage: 600 = 48 - 660 VAC
3. Input Type & Voltage: A = 90 - 140VAC
D = 4 - 32VDC
4. Maximum Switching Rating/Output: 45 = 45.0A rms
55 = 55.0A rms
65 = 65.0A rms
Ordering Information
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4,000V rms input-to-output-to-ground.
Insulation Resistance: 109 Ohms, minimum, at 500VDC.
Capacitance: 8.0 pf maximum (input to output).
Temperature Range:
Storage: –40°C to +125°C
Operating: –40°C to + 80°C
Case and Mounting: Refer to outline dimension drawing.
Termination:
Control: Finger safe (IP20) screw clamps accepting
wire size up to #12 AWG (2.5 mm).
Load: Finger safe (IP20) screw clamps accepting
wire size up to #8 AWG (3.8 mm).
Ground: #10 screw with 5/16 in. hex/slottted head.
Installation Spacing: Minimum 0.8 in (20 mm) space between units.
Approximate Weight: 16.9 oz. (479 g).
Features
• DIN mount design with integral heatsink.
• Choice of 45, 55 or 65A rms inverse-parallel connected SCR output.
• 48 - 660VAC output.
• 4 -32VDC or 90 - 140Vrms input control.
• 4,000V rms optical isolation.
• Green LED input status indicator.
• Finger-safe (IP20) screw clamp terminals for load and control.
• Ground terminal.
Input Specifications
Parameter
Conditions
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current (Max.)
4.0 - 32 VDC
4.0 VDC
1.0 VDC
30 mA
Must Operate Voltage V
(Min.)
IN
IN
IN(OP)
IN(REL)
DC Control Units
90 - 140 Vrms
90 Vrms
10 Vrms
—
AC Control Units
@ 25°C
Reverse Voltage V (Max.)
32 VDC
—
@ 25°C
@ 25°C
@ 25°C
@ 25°C
Input Current (Typ.)
14 mA @ 5 VDC
15 mA @ 120 Vrms
@ 25°C
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRM-600A45
SSRM-600A55
SSRM-600A65
SSRM-600D45
SSRM-600D55
SSRM-600D65
File E29244
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
SSRM series
45-65A DIN Mount Solid State Relay
With Paired SCR Output, Integral Heatsink


Similar Part No. - SSRM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSRMP TEC-SSRMP Datasheet
294Kb / 2P
Solid State Relay
SSRMP-240D10 TEC-SSRMP-240D10 Datasheet
294Kb / 2P
Solid State Relay
SSRMP-240D10R TEC-SSRMP-240D10R Datasheet
294Kb / 2P
Solid State Relay
SSRMP-240D16R TEC-SSRMP-240D16R Datasheet
294Kb / 2P
Solid State Relay
SSRMP-240D25 TEC-SSRMP-240D25 Datasheet
294Kb / 2P
Solid State Relay
More results

Similar Description - SSRM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRA MACOM-SSRA Datasheet
349Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC MACOM-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
SSRF MACOM-SSRF Datasheet
367Kb / 2P
25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRK MACOM-SSRK Datasheet
400Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
?쏦ockey Puck??Solid State Relay With Paired SCR Output
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
Solid State Relay With Paired SCR Output
logo
TE Connectivity Ltd
SSRA TEC-SSRA Datasheet
181Kb / 2P
2A Miniature, SIP Solid State Relay With Paired SCR Output
SSRC TEC-SSRC Datasheet
372Kb / 2P
5A SIP Solid State Relay With Paired SCR Output
SSRK TEC-SSRK Datasheet
205Kb / 2P
10-30A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com