Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRM Datasheet(PDF) 2 Page - Tyco Electronics

Part # SSRM
Description  45-65A DIN Mount Solid State Relay With Paired SCR Output, Integral Heatsink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRM Datasheet(HTML) 2 Page - Tyco Electronics

  SSRM Datasheet HTML 1Page - Tyco Electronics SSRM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SSRM Series Solid State Relays
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
3.0
(76.2)
2.5
(63.5)
3.0
(76.2)
3.5
(88.9)
4.3
(109.2)
.9
(22.9)
1.75
(44.5)
0.75
(19.1)
1.0
(25.4)
OUTPUT
INPUT
U
T STA
MOUNTING HOLE
0.17 (4.3) DIA.
BLACK
ANODIZED
ALUMINUM
HEATSINK
MOUNTING SLOT
0.17 x 0.20 (4.3 x 5.1)
Outline Dimensions
Electrical Characteristics (Thermal Derating Curves)
*See Thermal Derating Curves.
Parameter
Conditions
Units
45A Rated Units
65A Rated Units
Load Voltage Range V
Repetitive Blocking Voltage (Min.)
I t Rating (Max.)
A Sec.
V rms
V/µs
ms
ms
Turn-Off Time (Max.)
I = Max.
2
Turn-On Time (Max.)
L
L
48 - 660
Single Cycle Surge Current (Min.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating (Min.)
L
t = 8.3 ms
2
f = 60 Hz.
f = 47 - 63 Hz.
f = 60 Hz.
I = Max.
L
f = 60 Hz. V = 600Vrms
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
1,200
0.25 - 65.0
±1200
6,000
1.0
1.7
500
L
0.5
55A Rated Units
48 - 660
1,000
0.25 - 55.0
±1200
4,150
1.0
1.7
500
0.5
48 - 660
8.3 for DC Input Models, 10.0 for AC Input Models
8.3 for DC Input Models, 40.0 for AC Input Models
625
0.15 - 45.0
±1200
1,620
1.0
Thermal Resistance Junction to Case R
(Max.)
°C/W
0.28
0.31
0.63
1.7
500
0.5
V = Max.
L
θ J–C
Output Specifications (@ 25° C, unless otherwise specified)
40
30
50
60
20
10
Ambient Temperature (ºC)
45 A
60
45
75
90
30
15
Ambient Temperature (ºC)
55 A
60
45
75
90
30
15
Ambient Temperature (ºC)
65 A
50
60
70
80
20
30
40
10
50
60
70
80
20
30
40
10
50
60
70
80
20
30
40
10
Disclaimer
While Tyco Electronics has made every reasonable effort to ensure the
accuracy of the information in this document, Tyco Electronics does not
guarantee that it is error-free, nor does Tyco Electronics make any other
representation, warranty or guarantee that the information is accurate,
correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments to the
information contained herein at any time without notice. Tyco Electronics
expressly disclaims all implied warranties regarding the information
contained herein, including, but not limited to, any implied warranties of
merchantability or fitness for a particular purpose.
The dimensions in this catalog are for reference purposes only and are
subject to change without notice. Specifications are subject to change
without notice. Consult Tyco Electronics for the latest dimensions and
design specifications.
Recommended Torque Range for Terminal Screws:
Control: 5 - 6 in lb (0.6 - 0.7 Nm).
Output: 10 - 15 in lb (1.1 - 1.7 Nm).
Catalog 8-1773454-5
Issued 4-09
www.tycoelectronics.com
© 2009 by Tyco Electronics Corporation. All Rights Reserved.
TE logo and Tyco Electronics are trademarks.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com