Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP103YA Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP103YA
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP103YA Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP103YA Datasheet HTML 7Page - Power Integrations, Inc. TOP103YA Datasheet HTML 8Page - Power Integrations, Inc. TOP103YA Datasheet HTML 9Page - Power Integrations, Inc. TOP103YA Datasheet HTML 10Page - Power Integrations, Inc. TOP103YA Datasheet HTML 11Page - Power Integrations, Inc. TOP103YA Datasheet HTML 12Page - Power Integrations, Inc. TOP103YA Datasheet HTML 13Page - Power Integrations, Inc. TOP103YA Datasheet HTML 14Page - Power Integrations, Inc. TOP103YA Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
E
7/96
TOP100-4
11
4.7
0.6
1.0
58
1.2
0.88
1.25
1.50
2.15
2.20
3.10
2.85
4.00
3.30
4.60
150
100
125
145
25
45
75
2.0
3.3
4.2
S1 open
S1 open
S1 open
S1 open
TOP100
di/dt = 160 mA/
µs, T
j = 25˚C
TOP101
di/dt = 280 mA/
µs, T
j = 25˚C
TOP102
di/dt = 400 mA/
µs, T
j = 25˚C
TOP103
di/dt = 520 mA/
µs, T
j = 25˚C
TOP104
di/dt = 600 mA/
µs, T
j = 25˚C
I
C = 4 mA
I
C = 4 mA
I
C = 4 mA
See Figure 13
S2 open
I
LIMIT
t
LEB
t
ILD
I
SD
V
C(RESET)
V
V
%
Hz
A
ns
ns
°C
mA
V
SHUTDOWN/AUTO-RESTART (cont.)
UV Lockout
Threshold Voltage
Auto-restart
Hysteresis Voltage
Auto-restart
Duty Cycle
Auto-restart
Frequency
Self-protection
Current Limit
Leading Edge
Blanking Time
Current Limit
Delay
Thermal Shutdown
Temperature
Latched Shutdown
Trigger Current
Power-up Reset
Threshold Voltage
CIRCUIT PROTECTION
Conditions
(Unless Otherwise Specified)
Specification
Symbol
See Figure 14
Min
Typ
Max
Units
SOURCE = 0 V
T
j = -40 to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com