Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP103YA Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP103YA
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP103YA Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP103YA Datasheet HTML 8Page - Power Integrations, Inc. TOP103YA Datasheet HTML 9Page - Power Integrations, Inc. TOP103YA Datasheet HTML 10Page - Power Integrations, Inc. TOP103YA Datasheet HTML 11Page - Power Integrations, Inc. TOP103YA Datasheet HTML 12Page - Power Integrations, Inc. TOP103YA Datasheet HTML 13Page - Power Integrations, Inc. TOP103YA Datasheet HTML 14Page - Power Integrations, Inc. TOP103YA Datasheet HTML 15Page - Power Integrations, Inc. TOP103YA Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
E
7/96
12
TOP100-4
R
DS(ON)
I
DSS
BV
DSS
t
r
t
f
V
C(SHUNT)
I
CD1
I
CD2
TOP100
T
j = 25°C
I
D = 110 mA
T
j = 100°C
TOP101
T
j = 25°C
I
D = 190 mA
T
j = 100°C
TOP102
T
j = 25°C
I
D = 270 mA
T
j = 100°C
TOP103
T
j = 25°C
I
D = 350 mA
T
j = 100°C
TOP104
T
j = 25°C
I
D = 400 mA
T
j = 100°C
Device in Latched Shutdown
I
C = 4 mA, VDS = 280 V, TA = 125°C
Device in Latched Shutdown
I
C = 4 mA, ID = 500 µA, TA = 25°C
Measured With
Figure 8 Schematic
Measured With
Figure 8 Schematic
See Note 2
I
C = 4 mA
Output MOSFET Enabled
Output MOSFET Disabled
ON-State
Resistance
OFF-State
Current
Breakdown
Voltage
Rise
Time
Fall
Time
DRAIN Supply
Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
CONTROL Supply/
Discharge Current
Ω
µA
V
ns
ns
V
V
ppm/˚C
mA
OUTPUT
SUPPLY
Conditions
(Unless Otherwise Specified)
Specification
Symbol
See Figure 14
Min
Typ
Max
Units
SOURCE = 0 V
T
j = -40 to 125°C
6.4
7.5
10.5
12.4
3.6
4.3
6.0
7.1
2.6
3.0
4.2
5.0
2.0
2.4
3.3
3.9
1.7
2.0
2.8
3.3
500
350
100
50
36
5.5
5.8
6.1
±50
0.6
1.2
1.6
0.5
0.8
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com