Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3203 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3203
Description  High-Brightness LED Driver Controller with High-Side Current Sense
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3203 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3203 Datasheet HTML 9Page - Micrel Semiconductor MIC3203 Datasheet HTML 10Page - Micrel Semiconductor MIC3203 Datasheet HTML 11Page - Micrel Semiconductor MIC3203 Datasheet HTML 12Page - Micrel Semiconductor MIC3203 Datasheet HTML 13Page - Micrel Semiconductor MIC3203 Datasheet HTML 14Page - Micrel Semiconductor MIC3203 Datasheet HTML 15Page - Micrel Semiconductor MIC3203 Datasheet HTML 16Page - Micrel Semiconductor MIC3203 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Micrel, Inc.
MIC3203
March 2010
13
M9999-032910-A
The switching loss occurs during the MOSFET turn-on
and turn-off transition and can be found by:
GATE
DRV
DRV
gd
2
gs
DRV
SW
LED
IN
)
TRAN
(
LOSS
R
V
=
I
)
Q
+
Q
(
×
I
F
×
I
×
V
=
P
where:
RGATE is total MOSFET resistance, Qgs2 and Qgd can be
found in a MOSFET manufacturer datasheet.
The total power loss is:
)
TRAN
(
LOSS
)
CON
(
LOSS
)
TOT
(
LOSS
P
+
P
=
P
The MOSFET junction temperature is given by:
A
JA
θ
)
TOT
(
LOSS
J
T
+
R
×
P
=
T
The TJ must not exceed maximum junction temperature
under any conditions.
Freewheeling Diode
The free wheeling diode should have the reverse voltage
rating to accommodate the maximum input voltage. The
forward voltage drop should be small to get the lowest
conduction dissipation for high efficiency. The forward
current rating has to be at least equal to LED current. A
Schottky diode is recommended for highest efficiency.
Input Capacitor
The ceramic input capacitor is selected by voltage rating
and ripple current rating. To determine the input current
ripple rating, the RMS value of the input capacitor can be
found by:
D)
-
(1
D
LED
CIN(RMS)
I
I
×
×
=
The power loss in the input capacitor is:
ESR
IN
CIN(RMS)
2
LOSS(CIN)
C
I
P
×
=
The input capacitor current rating can be considered as
ILED/2 under the worst condition D = 50%.
LED Ripple Current
The LED current is the same as inductor current. If LED ripple
current needs to be reduced then place a 4.7µF/50V ceramic
capacitor across LED.
Frequency Dithering
The MIC3203 is designed to reduce EMI by dithering the
switching frequency
±12% in order to spread the frequency
spectrum over a wider range. This lowers the EMI noise
peaks generated by the switching regulator.
Switching regulators generate noise by their nature and they
are the main EMI source to interference with nearby circuits. If
the switching frequency of a regulator is modulated via
frequency dithering, the energy of the EMI is spread among
many frequencies instead of concentrated at fundamental
switching frequency and its harmonics. The MIC3203
modulates the VCS(MAX) with amplitude ±6mV by a pseudo
random generator to generate the
±12% of the switching
frequency dithering to reduce the EMI noise peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com