Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242G Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # TOP242G
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242G Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button TOP242G Datasheet HTML 27Page - Power Integrations, Inc. TOP242G Datasheet HTML 28Page - Power Integrations, Inc. TOP242G Datasheet HTML 29Page - Power Integrations, Inc. TOP242G Datasheet HTML 30Page - Power Integrations, Inc. TOP242G Datasheet HTML 31Page - Power Integrations, Inc. TOP242G Datasheet HTML 32Page - Power Integrations, Inc. TOP242G Datasheet HTML 33Page - Power Integrations, Inc. TOP242G Datasheet HTML 34Page - Power Integrations, Inc. TOP242G Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
TOP242-249
31
August 8, 2000
E
7/01
switching frequency and soft-start features of TOPSwitch-GX
contribute to a smaller transformer when compared to
TOPSwitch-II.
Standby Consumption
Frequency reduction can significantly reduce power loss at
light or no load, especially when a Zener clamp is used. For very
low secondary power consumption use a TL431 regulator for
feedback control. Alternately, switching losses can be
significantly reduced by changing from 132 kHz in normal
operation to 66 kHz under light load conditions.
TOPSwitch-GX Layout Considerations
As TOPSwitch-GX has additional pins and operates at much
higher power levels compared to previous TOPSwitch
families, the following guidelines should be carefully
followed.
Primary Side Connections
Use a single point (Kelvin) connection at the negative terminal
of the input filter capacitor for TOPSwitch-GX source pin and
bias winding return. This improves surge capabilities by returning
surge currents from the bias winding directly to the input filter
capacitor.
The CONTROL pin bypass capacitor should be located as
close as possible to the SOURCE and CONTROL pins and its
SOURCE connection trace should not be shared by the main
MOSFET switching currents. All SOURCE pin referenced
components connected to the MULTI-FUNCTION, LINE-
SENSE or EXTERNAL CURRENT LIMIT pins should also be
located closely between their respective pin and SOURCE.
Once again the SOURCE connection trace of these components
should not be shared by the main MOSFET switching currents.
It is very critical that SOURCE pin switching currents are
returned to the input capacitor negative terminal through a
seperate trace that is not shared by the components connected
to CONTROL, MULTI-FUNCTION, LINE-SENSE or
EXTERNAL CURRENT LIMIT pins. This is because the
SOURCE pin is also the controller ground reference pin.
Any traces to the M, L or X pins should be kept as short as
possible and away from the DRAIN trace to prevent noise
coupling. LINE-SENSE resistor (R1 in figures 47-49) should
be located close to the M or L pin to minimize the trace length
on the M or L pin side.
In addition to the 47
µF CONTROL pin capacitor, a high
frequency bypass capacitor in parallel may be used for better
noise immunity. The feedback optocoupler output should also
be located close to the CONTROL and SOURCE pins of
TOPSwitch-GX.
Y-Capacitor
The Y-capacitor should be connected close to the secondary
output return pin(s) and the positive primary DC input pin of the
transformer.
Heat Sinking
The tab of the Y package (TO-220) is internally electrically
tied to the SOURCE pin. To avoid circulating currents, a heat
sink attached to the tab should not be electrically tied to any
primary ground/source nodes on the PC board.
When using a P (DIP-8), G (SMD-8) or R (TO-263) package,
a copper area underneath the package connected to the SOURCE
pins will act as an effective heat sink. On double sided boards
(Figure 49), top side and bottom side areas connected with vias
can be used to increase the effective heat sinking area.
In addition, sufficient copper area should be provided at the
anode and cathode leads of the output diode(s) for heat sinking.
In Figures 47, 48 and 49 a narrow trace is shown between the
output rectifier and output filter capacitor. This trace acts as a
thermal relief between the rectifier and filter capacitor to
prevent excessive heating of the capacitor.
Quick Design Checklist
As with any power supply design, all TOPSwitch-GX designs
should be verified on the bench to make sure that components
specifications are not exceeded under worst case conditions.
The following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum overload
output power. Maximum overload output power occurs
when the output is overloaded to a level just before the
power supply goes into auto-restart (loss of regulation).
2. Maximum drain current – At maximum ambient temperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of
transformer saturation and excessive leading edge current
spikes. TOPSwitch-GX has a leading edge blanking time of
220 ns to prevent premature termination of the on-cycle.
Verify that the leading edge current spike is below the
allowed current limit envelope (see Figure 52) for the drain
current waveform at the end of the 220 ns blanking period.
3. Thermal check – At maximum output power, minimum
input voltage and maximum ambient temperature, verify
that temperature specifications are not exceeded for
TOPSwitch-GX, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com