Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242G Datasheet(PDF) 39 Page - Power Integrations, Inc.

Part # TOP242G
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242G Datasheet(HTML) 39 Page - Power Integrations, Inc.

Back Button TOP242G Datasheet HTML 35Page - Power Integrations, Inc. TOP242G Datasheet HTML 36Page - Power Integrations, Inc. TOP242G Datasheet HTML 37Page - Power Integrations, Inc. TOP242G Datasheet HTML 38Page - Power Integrations, Inc. TOP242G Datasheet HTML 39Page - Power Integrations, Inc. TOP242G Datasheet HTML 40Page - Power Integrations, Inc. TOP242G Datasheet HTML 41Page - Power Integrations, Inc. TOP242G Datasheet HTML 42Page - Power Integrations, Inc. TOP242G Datasheet HTML 43Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TOP242-249
39
August 8, 2000
E
7/01
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
SUPPLY VOLTAGE CHARACTERISTICS
36
5.60
5.85
6.10
±50
1.0
1.6
2.5
1.2
2.2
3.2
0.3
0.6
1.3
V
V
ppm/
°C
mA
V
C(SHUNT)
l
CD1
l
CD2
See Note D
I
C = 4 mA
Output
MOSFET Disabled
V
L, VM = 0 V
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. Guaranteed by characterization. Not tested in production.
C. For externally adjusted current limit values, please refer to Figure 55 (Current Limit vs. External Current Limit
Resistance) in the Typical Performance Characteristics section.
D. It is possible to start up and operate TOPSwitch-GX at DRAIN voltages well below 36 V. However, the
CONTROL pin charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart
duty cycle. Refer to Figure 67, the characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage
for low voltage operation characteristics.
DRAIN Supply
Voltage
Shunt Regulator
Voltage
Shunt Regulator
Temperature Drift
Control Supply/
Discharge Current
Output
MOSFET Enabled
V
L, VM = 0 V
TOP 242-245
TOP 246-249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com