Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # EXP
Description  EXP Series EXPlora - Hazardous Area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

EXP Datasheet(HTML) 2 Page - Elektron Components Ltd.

  EXP Datasheet HTML 1Page - Elektron Components Ltd. EXP Datasheet HTML 2Page - Elektron Components Ltd. EXP Datasheet HTML 3Page - Elektron Components Ltd. EXP Datasheet HTML 4Page - Elektron Components Ltd. EXP Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.bulgin.co.uk
2
EXPLORA
EXP Series EXPlora - Hazardous Area Connector
EXP-0911
Mates with in-line flex or
panel mounting versions
Positive, fast acting locking
ring - can be turned with a
gloved hand
Plug or socket versions
EXP-0 Series13-15mm cable
dia. acceptance as standard,
7-13mm with additional
gland pack
EXP-A Series 20-22mm cable
dia. acceptance as standard,
14-20mm with additional
gland pack
Strain Relief Clamp
(EXP-A Series only)
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
EXP-0911/02/P
EXP-A911/02/P
2 pole Plug
EXP-0911/02/S
EXP-A911/02/S
2 pole Socket
EXP-0911/03/P
EXP-A911/03/P
3 pole Plug
EXP-0911/03/S
EXP-A911/03/S
3 pole Socket
EXP-0911/04/P
EXP-A911/04/P
4 pole Plug
EXP-0911/04/S
EXP-A911/04/S
4 pole Socket
EXP-0911/05/P
EXP-A911/05/P
5 pole Plug
EXP-0911/05/S
EXP-A911/05/S
5 pole Socket
EXP-0911/07/P
EXP-A911/07/P
7 pole Plug
EXP-0911/07/S
EXP-A911/07/S
7 pole Socket
EXP-0911/10/P
EXP-A911/10/P
10 pole Plug
EXP-0911/10/S
EXP-A911/10/S
10 pole Socket
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
EXP-0921/02/P
EXP-A921/02/P
2 pole Plug
EXP-0921/02/S
EXP-A921/02/S
2 pole Socket
EXP-0921/03/P
EXP-A921/03/P
3 pole Plug
EXP-0921/03/S
EXP-A921/03/S
3 pole Socket
EXP-0921/04/P
EXP-A921/04/P
4 pole Plug
EXP-0921/04/S
EXP-A921/04/S
4 pole Socket
EXP-0921/05/P
EXP-A921/05/P
5 pole Plug
EXP-0921/05/S
EXP-A921/05/S
5 pole Socket
EXP-0921/07/P
EXP-A921/07/P
7 pole Plug
EXP-0921/07/S
EXP-A921/07/S
7 pole Socket
EXP-0921/10/P
EXP-A921/10/P
10 pole Plug
EXP-0921/10/S
EXP-A921/10/S
10 pole Socket
EXP-A911
Flex Cable
In-Line Flex Cable
EXP-0921
EXP-A921
Mates with either EXP-0911
or EXP-A911 connectors
Plug or socket versions
EXP-0 Series13-15mm cable
dia. acceptance as standard,
7-13mm with additional
gland pack
EXP-A Series 20-22mm cable
dia. acceptance as standard,
14-20mm with additional
gland pack
Strain Relief Clamp
(EXP-A Series only)
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com