Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # EXP
Description  EXP Series EXPlora - Hazardous Area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

EXP Datasheet(HTML) 1 Page - Elektron Components Ltd.

  EXP Datasheet HTML 1Page - Elektron Components Ltd. EXP Datasheet HTML 2Page - Elektron Components Ltd. EXP Datasheet HTML 3Page - Elektron Components Ltd. EXP Datasheet HTML 4Page - Elektron Components Ltd. EXP Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.bulgin.co.uk
1
EXPLORA
EXP Series EXPlora - Hazardous Area
Terminals
Terminals
Sealing Gasket
O Ring
O Ring
O Ring
O Ring
Contact Insert
Contact Insert
Locking Ring
Main Body
Gland Nut
Cable Gland
Gland Cage
Panel Body
Retaining
Nut
ATEX approval for Zone 2 and Zone 22 applications
Independently tested
ATEX Coding:
II 3 GD
ATEX Classification:
Ex nA IIC T6 Gc
Ex tc IIIC T85˚C Dc
ATEX Certificate No:
Baseefa09ATEX0232X
IP68 rating tested at 1.054kg/sq cm (15lb/sq in)
10m depth for 2 weeks
Up to 18A, 600V ac/dc rating
2, 3, 4, 5, 7 and 10 pole
Leading earth contact for 3, 4, 5 & 7 pole versions
Trailing Neutral on 5 pole
Plug or socket connection in each body style
Water and dustproof to IP68 when mated
‘Scoop proof’ contacts
Field termination - screw terminations
Positive locating keyways - cannot be
mis-connected
Sealing caps available to maintain IP68 rating of
unmated connectors
Compact design
Easy assembly - no special tools required
Single or 3 phase applications
Cost effective solution
Cable acceptance from 7 to 22mm O/D
Two cable connector versions for 15mm and 22mm
(maximum) cable diameters
Separate strain relief on large cable version
IP68


Similar Part No. - EXP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
logo
Premier Farnell Limited...
EXP 21/23R DURATOOL-EXP 21/23R Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
EXP 24/27S DURATOOL-EXP 24/27S Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
logo
AAEON Technology
EXP-80 AAEON-EXP-80 Datasheet
154Kb / 1P
Enhencement For Heat Spreading
logo
Premier Farnell Limited...
EXP21-23R DURATOOL-EXP21-23R Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
More results

Similar Description - EXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
Antenna barrier for the hazardous area
logo
Schneider Electric
XS7E1A1PAL10EX SCHNEIDER-XS7E1A1PAL10EX Datasheet
98Kb / 2P
inductive sensor hazardous area - 26x26x13 - Sn 10mm - NO - cable 10m
Jan 7, 2021
XS8D1A1PAL10EX SCHNEIDER-XS8D1A1PAL10EX Datasheet
89Kb / 2P
inductive sensor hazardous area - 80x80x26 - Sn 40mm - NO - cable 10m
Jan 7, 2021
XS9C11RPBL01MEX SCHNEIDER-XS9C11RPBL01MEX Datasheet
96Kb / 2P
rotation monitoring hazardous area - 40x40x15 - Sn 15mm - NC - M12 connector
Jan 7, 2021
XS9E11RPBL01MEX SCHNEIDER-XS9E11RPBL01MEX Datasheet
83Kb / 2P
rotation monitoring hazardous area - 26x26x13- Sn 10mm - NC - M12 connector
JAN 07, 2021
logo
G.M. International
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
STEGO Elektrotechnik Gm...
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com