Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03 Datasheet(PDF) 4 Page - Rohm

Part # RRL035P03
Description  4V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03 Datasheet(HTML) 4 Page - Rohm

  RRL035P03 Datasheet HTML 1Page - Rohm RRL035P03 Datasheet HTML 2Page - Rohm RRL035P03 Datasheet HTML 3Page - Rohm RRL035P03 Datasheet HTML 4Page - Rohm RRL035P03 Datasheet HTML 5Page - Rohm RRL035P03 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RRL035P03
0
50
100
150
200
0
5
10
15
Ta=25°C
Pulsed
ID= -3.5A
ID= -1.7A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
Ta=25°C
VDD= -15V
ID= -3.5A
RG=10Ω
Pulsed
10
100
1000
10000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
1
10
100
1000
10000
0.01
0.1
1
10
tf
td(on)
td(off)
Ta=25°C
VDD= -15V
VGS= -10V
RG=10Ω
Pulsed
tr
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.12 Dynamic Input Characteristics
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
Fig.11 Switching Characteristics
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN-CURRENT : -ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : -VDS[V]
4/5
2010.04 - Rev.A
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com