Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03 Datasheet(PDF) 1 Page - Rohm

Part # RRL035P03
Description  4V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03 Datasheet(HTML) 1 Page - Rohm

  RRL035P03 Datasheet HTML 1Page - Rohm RRL035P03 Datasheet HTML 2Page - Rohm RRL035P03 Datasheet HTML 3Page - Rohm RRL035P03 Datasheet HTML 4Page - Rohm RRL035P03 Datasheet HTML 5Page - Rohm RRL035P03 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4V Drive Pch MOSFET
RRL035P03
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low On-resistance.
2) High speed switching.
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TR
Basic ordering unit (pieces)
3000
RRL035P03
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
20
V
Continuous
ID
3.5
A
Pulsed
IDP
14
A
Continuous
IS
0.8
A
Pulsed
ISP
14
A
Power dissipation
PD
1W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to +150
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
125
C / W
*Mounted on a ceramic board.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
TUMT6
Abbreviated symbol :UF
*2
*1
*1
∗2
∗1
(6)
(1)
(5)
(2)
(4)
(3)
1/5
2010.04 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - RRL035P03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RRL035P03 VBSEMI-RRL035P03 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Rohm
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
Pch -30V -3.5A Power MOSFET
More results

Similar Description - RRL035P03

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
4V Drive Pch Pch MOSFET
RP1E100RP ROHM-RP1E100RP Datasheet
344Kb / 6P
4V Drive Pch MOSFET
RSD160P05 ROHM-RSD160P05 Datasheet
1Mb / 7P
4V Drive Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
4V Drive PchPch MOSFET
RSU002P03T106 ROHM-RSU002P03T106 Datasheet
62Kb / 5P
4V Drive Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
4V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com