Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES Datasheet(PDF) 1 Page - Power-One

Part # FES
Description  300 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FES Datasheet(HTML) 1 Page - Power-One

  FES Datasheet HTML 1Page - Power-One FES Datasheet HTML 2Page - Power-One FES Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
C-56
FES200ZE-A
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. (36V)
EFF. (48V)
EFF. (75V)
Setpoint Accuracy
±1%
Line Regulation V
in
Min. - V
in
Max., I
out
Rated
0.2% V
out
Load Regulation I
out
Min. - I
out
Max., V
in
Nom.
0.2% V
out
Remote Sense Headroom
0.5 VDC
Minimum Output Current
10 % I
out
Rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Current Limit Threshold Range, % of I
out
Rated
110 - 140%
OVP Trip Range
120 - 140% V
out
Nom.
OVP Type
Self Recovering
Short Circuit/Over Current Protection
Shutdown/Hiccup
TECHNICAL SPECIFICATIONS
FES single output DC/DC converters provide up to
300 Watts of output power and up to 60 Amperes of
output current in a full brick package. The FES
converters feature open-frame packaging, along with
planar magnetics and a high efficiency topology, to
provide maximum useable power density. The FES
converters use 100% surface-mount construction and
are fully compatible with production board washing
processes.
• 60A “Full Brick”
• Very High Efficiency
• Open-Frame Packaging
• 100°C Baseplate
Operation
• Planar Magnetics
• Excellent Transient
Response
• 1500V Isolation
• Synchronous
Rectification
DESCRIPTION
FEATURES
FES SERIES - 300 WATT
General
Turn-On Time
10 ms
Remote Shutdown
Positive Logic
Remote Shutdown Reference
V
in
Negative
Switching Frequency
200 or 300 kHz
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
500 VDC
Temperature Coefficient
0.03%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 125°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
Consult Factory
Safety
UL, CUL, TUV
Weight (Approx.)
4.4 oz
Output
Voltage Range
48 VDC Nominal
36 - 75 VDC
Undervoltage Lockout - Turn on / Turn off
34 / 32 VDC
Input
Efficiency vs. Load (48V Input)
Notes
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.


Similar Part No. - FES

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FES10D ONSEMI-FES10D Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10G ONSEMI-FES10G Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
FES10J ONSEMI-FES10J Datasheet
207Kb / 6P
Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
April, 2020 - Rev. 4
logo
General Semiconductor
FES16 GE-FES16 Datasheet
75Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
More results

Similar Description - FES

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT15KCA PROTEC-PSOT15KCA_11 Datasheet
635Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
300 WATT TVS ARRAY
logo
Molex Electronics Ltd.
130191-0055 MOLEX11-130191-0055 Datasheet
35Kb / 1P
Lamp 300 Watt Halogen
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
logo
Innovative Power Produc...
IPP-RB214LC-25 IPP-IPP-RB214LC-25 Datasheet
56Kb / 1P
RESISTOR, 300 WATT FLANGE
IPP-RB113-50 IPP-IPP-RB113-50 Datasheet
51Kb / 1P
RESISTOR, 300 WATT, FLANGELESS
IPP-RB213-150 IPP-IPP-RB213-150 Datasheet
62Kb / 1P
RESISTOR, 300 WATT FLANGE
IPP-TB213-50 IPP-IPP-TB213-50 Datasheet
57Kb / 1P
TERMINATION, 300 WATT, FLANGE
IPP-TB305-50 IPP-IPP-TB305-50 Datasheet
64Kb / 1P
TERMINATION, 300 WATT, CONNECTORIZED
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com