Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES Datasheet(PDF) 2 Page - Power-One

Part # FES
Description  300 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FES Datasheet(HTML) 2 Page - Power-One

  FES Datasheet HTML 1Page - Power-One FES Datasheet HTML 2Page - Power-One FES Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-57
MECHANICAL DRAWING
Thermal Impedance
Natural Convection
5.4 °C/W
100 LFM
3.8 °C/W
200 LFM
2.5 °C/W
300 LFM
1.7 °C/W
400 LFM
1.6 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
Pin
Function
FES SERIES - 300 WATT
1
-V
in
2
Case
3
Enable
4
+V
in
5
-V
out
6
-V
out
7
-Sense
8
Trim
9
+Sense
10
+V
out
11
+V
out
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± .010
.XX ± 0.25
Pin:
± 0.002
± 0.05
( Dimensions as listed unless otherwise
specified.)
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
48
48
48
48
48
48
36 - 75
36 - 75
36 - 75
36 - 75
36 - 75
36 - 75
3.5
4.5
6.5
5.0
7.0
10.5
2.5
3.3
5.0
2.5
3.3
5.0
40
40
40
60
60
60
100
100
100
100
100
100
85%
87%
80%
79%
81%
84%
FES100ZD-A
FES132ZE-A
FES200ZG-A
FES150ZD-A
FES200ZE-A
FES300ZG-A
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
MODELS - (See the last page of
this file for options.)
11
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
1.150"(29.2mm)
0.900"(22.9mm)
0.700"(17.8mm)
0.500"(12.7mm)
0.250"(6.4mm)
1.700"(43.2mm)
-.50"(-12.7mm)
-.300"(-7.6mm)
1.400"(35.6mm)
1.000"(25.4mm)
0.400"(10.2mm)
0
(0.6mm)
M3X.5 THROUGH 4PL
MOUNTING INSERTS
(2.0mm)
(4.6mm)
0.18"
(12.7mm)
0.50"
0.025" REF.
DIA 0.080"
(116.8mm)
4.60"
(61.0mm)
2.40"
(1.0mm)
DIA 0.040"
6PL
5PL
0
(-5.1mm)
-0.20"
(106.7mm)
4.200"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com