Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3579 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3579 Datasheet HTML 9Page - Linear Technology LT3579 Datasheet HTML 10Page - Linear Technology LT3579 Datasheet HTML 11Page - Linear Technology LT3579 Datasheet HTML 12Page - Linear Technology LT3579 Datasheet HTML 13Page - Linear Technology LT3579 Datasheet HTML 14Page - Linear Technology LT3579 Datasheet HTML 15Page - Linear Technology LT3579 Datasheet HTML 16Page - Linear Technology LT3579 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LT3579/LT3579-1
13
35791f
APPLICATIONS INFORMATION
Figure 6. Boost Converter – The Component Values Given Are
Typical Values for a 1MHz, 5V to 12V Boost
BOOST CONVERTER COMPONENT SELECTION
OPTIONAL
VIN
5V
CIN
22μF
RT
86.6k
COUT1
10μF
RGATE
6.3k
RC
8k
CC
2.2nF
CF
47pF
CSS
0.1μF
RFB
130k
VOUT
12V
1.7A
VIN
COUT
10μF
L1
2.2μH
D1
30V, 4A
SW1 SW2
GATE
VIN
RT
VC
FAULT
SHDN
FB
SS
GND
SYNC
CLKOUT
LT3579
37591 F06
100k
200k
M1
The LT3579 can be configured as a Boost converter as in
Figure 6. This topology allows for positive output voltages
that are higher than the input voltage. An external PMOS
(optional) driven by the GATE pin of the LT3579 can achieve
input or output disconnect during a FAULT event. A single
feedback resistor sets the output voltage. For output
voltages higher than 40V, see the Charge Pump topology
in the Charge Pump Aided Regulators section.
Table 1 is a step-by-step set of equations to calculate
component values for the LT3579 when operating as a
Boost converter. Input parameters are input and output
voltage, and switching frequency (VIN, VOUT and fOSC
respectively). Refer to the Appendix for further information
on the design equations presented in Table 1.
Variable Definitions:
VIN = Input Voltage
VOUT = Output Voltage
DC = Power Switch Duty Cycle
fOSC = Switching Frequency
IOUT = Maximum Output Current
IRIPPLE = Inductor Ripple Current
RDSON_PMOS = RDSON of External PMOS (set to 0 if not
using PMOS)
Table 1. Boost Design Equations
PARAMETERS/EQUATIONS
Step 1:
Inputs
Pick VIN, VOUT, and fOSC to calculate equations below.
Step 2:
DC
DC
VV
V
VV
V
OUT
IN
OUT
≅
+
+
–.
.– .
05
05
027
Step 3:
L1
L
VV
DC
fA
L
VV
TYP
IN
OSC
MIN
IN
= ()
•
•
= (
–.
.
–.
027
18
027
)) ••
()
••
()
= ()
•
21
41
027
DC
Af
DC
L
VV
D
OSC
MAX
IN
–
–
–.
C
C
fA
OSC • 05
.
(1)
(2)
(3)
• Solve equations 1, 2, and 3.
• Choose the higher value between LTYP and LMIN for L1.
L1 should never exceed LMAX.
Step 4:
IRIPPLE
I
VV
DC
fL
RIPPLE
IN
OSC
= ()
•
•
–.
027
1
Step 5:
IOUT
IA
I
DC
OUT
RIPPLE
=
⎛
⎝
⎜
⎞
⎠
⎟ •
()
6
2
1
––
Step 6:
D1
VV
I
I
R
OUT
AVG
OUT
>>
;
Step 7:
COUT,
COUT1
CC
IDC
fV
I
R
OUT
OUT
OUT
OSC
OUT
OUT
==
•
•
1
001
0 5
.•
– . •
•
D
DSON PMOS
_
()
Step 8:
CIN
CC
C
C
I
fV
A
IN
PWR
VIN
IN
RIPPLE
OSC
IN
=+
=+
8
0 005
6
•• .
•
••
••
•
DC
fV
OSC
IN
40
0 005
.
Step 9:
RFB
R
VV
μA
FB
OUT
=
–.
.
1 215
83 3
Step 10:
RT
R
f
fin MHz and R in k
T
OSC
OSC
T
=
87 6
1
.
–;
Ω
Step 11:
PMOS
Only needed for input or output disconnect. See PMOS
Selection in the Appendix for information on sizing the PMOS
and the biasing resistor, RGATE.
Note: The maximum design target for peak switch current is 6A and
is used in this table. The final values for COUT and CIN may deviate
from the above equations in order to obtain desired load transient
performance for a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com