Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3579 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3579
Description  6A Boost/Inverting DC/DC Converter with Fault Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3579 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3579 Datasheet HTML 17Page - Linear Technology LT3579 Datasheet HTML 18Page - Linear Technology LT3579 Datasheet HTML 19Page - Linear Technology LT3579 Datasheet HTML 20Page - Linear Technology LT3579 Datasheet HTML 21Page - Linear Technology LT3579 Datasheet HTML 22Page - Linear Technology LT3579 Datasheet HTML 23Page - Linear Technology LT3579 Datasheet HTML 24Page - Linear Technology LT3579 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LT3579/LT3579-1
21
35791f
3.3μH
10μF
10μF
200k
VOUT
18V
1A
VOUT
12V
1.7A
VIN
5V
3579 F12
SW1 SW2
GATE
FB
VC
SS
GND
SYNC
CLKOUT
VIN
RT
SHDN
FAULT
LT3579
SLAVE
10μF
2
10μF
3
8k
100k
110k
3.3nF
0.1μF
68pF
47pF
4.7μF
4.7μF
86.6k
86.6k
2.2μH
10k
SW1 SW2
GATE
CLKOUT
VC
SS
GND
SYNC
FB
VIN
RT
FAULT
SHDN
LT3579
MASTER
2.2nF
8k
130k
0.1μF
Figure 12. Synchronize Multiple LT3579s. The External PMOS
Disconnects the Input from Both Power Paths During FAULT Events
Also, the FAULT pins can be tied together so that a fault
condition from one LT3579 causes all of the LT3579s to
enter fault, until the fault condition disappears.
2-Phase Converters using LT3579-1
The CLKOUT pin on the LT3579-1 is ~180° out of phase
with the internal oscillator, which allows two LT3579-1s to
operate in parallel for a high current, high power output.
The advantage of multiphase converters is that the ripple
current flowing into the output node is divided by the
number of phases or ICs used to generate the output
voltage. The VIN, SHDN, FAULT, FB, and VC pins of all the
LT3579-1s should be connected together. Figure 13 shows
a typical application of a 2-phase 12V to 24V boost with
output disconnect.
APPLICATIONS INFORMATION
Clock Synchronization
An external source can set the operating frequency of the
LT3579 by providing a digital clock signal into the SYNC
pin (RT resistor still required). The LT3579 will operate at
the SYNC clock frequency. The LT3579 will revert to its
internal free-running oscillator clock when the SYNC pin is
driven below 0.4V for a few free-running clock periods.
Driving SYNC high for an extended period of time
effectively stops the operating clock and prevents latch
SR1 from becoming set (see Block Diagram). As a result,
the switching operation of the LT3579 will stop and the
CLKOUT pin will be held at ground.
The duty cycle of the SYNC signal must be between 20%
and 80% for proper operation. Also, the frequency of the
SYNC signal must meet the following two criteria:
1.
SYNC may not toggle outside the frequency
range of 200kHz-2.5MHz unless it is stopped
below 0.4V to enable the free-running oscillator.
2.
The SYNC frequency can always be higher than
the free-running oscillator frequency (as set by the
RT resistor), fOSC, but should not be less than 25%
below fOSC.
CLOCK SYNCHRONIZATION OF ADDITIONAL
REGULATORS
The CLKOUT pin of the LT3579 can synchronize additional
switching regulators and/or additional LT3579s as shown
in Figure 12.
The frequency of the master LT3579 is set by the external
RT resistor. The SYNC pin of the slave LT3579 is driven
by the CLKOUT pin of the master LT3579. Note that the
RT pin of the slave LT3579 must have a resistor tied to
ground. It takes a few clock cycles for the CLKOUT signal
to begin oscillating, and it’s preferable for all LT3579s to
have the same internal free-running frequency. Therefore,
in general, use the same value RT resistor for all of the
synchronized LT3579s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com