Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3689 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3689 Datasheet HTML 9Page - Linear Technology LT3689 Datasheet HTML 10Page - Linear Technology LT3689 Datasheet HTML 11Page - Linear Technology LT3689 Datasheet HTML 12Page - Linear Technology LT3689 Datasheet HTML 13Page - Linear Technology LT3689 Datasheet HTML 14Page - Linear Technology LT3689 Datasheet HTML 15Page - Linear Technology LT3689 Datasheet HTML 16Page - Linear Technology LT3689 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3689/LT3689-5
13
3689fa
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose 1% resistors
according to:
R1= R2
VOUT
0.8V
1
For reference designators, refer to the Block Diagram.
Setting the Switching Frequency
The LT3689 uses a constant-frequency PWM architecture
that can be programmed to switch from 350kHz to 2.2MHz
by using a resistor tied from the RT pin to ground. Table 1
shows the RT values for various switching frequencies.
Table 1. Switching Frequency vs RT
SWITCHING FREQUENCY (MHz)
RT (kΩ)
0.35
48.7
0.5
31.6
0.6
24.9
0.7
20.5
0.8
16.9
0.9
14.7
1
12.7
1.2
9.53
1.4
7.5
1.6
6.04
1.8
4.87
2
4.02
2.2
3.16
APPLICATIONS INFORMATION
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size and maximum input voltage.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. The disad-
vantages are lower efficiency, and narrower input voltage
range at constant-frequency. The highest constant-switch-
ing frequency (fSW(MAX)) for a given application can be
calculated as follows:
f
VV
tV
V
V
SW MAX
OUT
D
ON MIN
IN
SW
D
()
()
–
=
+
+
()
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the catch diode drop (~0.5V) and VSW is
the internal switch drop (~0.5V at maximum load). If the
LT3689 is programmed to operate at a frequency higher
than fSW(MAX) for a given VIN input voltage, the LT3689
enters pulse-skipping mode, where it skips switching
cycles to maintain regulation. At frequencies higher than
fSW(MAX), the LT3689 no longer operates with constant-
frequency. The LT3689 enters pulse-skipping mode at
frequencies higher than fSW(MAX) because of the limita-
tion on the LT3689’s minimum on-time of 130ns. As the
switching frequency is increased above fSW(MAX), the part
is required to switch for shorter periods of time to maintain
the same duty cycle. Delays associated with turning off
the power switch dictate the minimum on-time of the part.
When the required on-time decreases below the minimum
on-time of 130ns, the switch pulse width remains fixed at
130ns (instead of becoming narrower to accommodate
the duty cycle requirement). The inductor current ramps
up to a value exceeding the load current and the output
ripple increases. The part then remains off until the output
voltage dips below the programmed value before it begins
switching again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com