Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3689 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3689
Description  700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3689 Datasheet HTML 17Page - Linear Technology LT3689 Datasheet HTML 18Page - Linear Technology LT3689 Datasheet HTML 19Page - Linear Technology LT3689 Datasheet HTML 20Page - Linear Technology LT3689 Datasheet HTML 21Page - Linear Technology LT3689 Datasheet HTML 22Page - Linear Technology LT3689 Datasheet HTML 23Page - Linear Technology LT3689 Datasheet HTML 24Page - Linear Technology LT3689 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT3689/LT3689-5
21
3689fa
Another way to lower the start-up voltage is by using a
resistor divider on the EN/UVLO pin (see the Shutdown
and Undervoltage Lockout section). A resistor divider on
EN/UVLO pin programs the turn-on threshold to slightly
higher than the minimum VIN voltage required to run at full
load. Below the EN/UVLO high voltage, the part will stay
shut off and the output cap will remain discharged during
the worse case slow VIN ramp. When the EN/UVLO pin
crosses the EN/UVLO high threshold, the part will turn on
and the empty output capacitor will provide enough load
to bring the output voltage in regulation. This technique
significantly lowers the start-up voltage of the circuit. The
plot in Figure 7 depicts the minimum load required to start
and run (as a function of input voltage). It also depicts the
benefit of programming the EN/UVLO threshold to lower
the start-up voltage at low load currents. At light loads, the
inductor current becomes discontinuous and the effective
duty cycle can be very high. This reduces the minimum input
voltage to approximately 300mV above VOUT. At higher load
currents, the inductor current is continuous and the duty
cycle is limited by the maximum duty cycle of the LT3689,
requiring a higher input voltage to maintain regulation.
Soft-Start
The LT3689 has an internal soft-start that gradually ramps
up the switch current limit from about 100mA to the
switch’s maximum current limit in typical value of 150μs,
as shown in Figure 8. This feature limits the inrush current
during start-up and prevents the switch current from spik-
ing when the EN/UVLO pin crosses the UVLO threshold.
A soft-start sequence is also initiated right after a VIN
overvoltage/undervoltage lockout, or thermal shutdown
fault in order to prevent the switch current from suddenly
jumping to its maximum current limit.
APPLICATIONS INFORMATION
Figure 7. LT3689 Minimum VIN to Start and Run vs Load
Figure 8. Internal Soft-Start
20μs/DIV
VOUT
2V/DIV
VIN = 12V
VOUT = 5V
f = 2MHz
CIN = 1μF CERAMIC + 100μF ELECTROLYTIC
IVIN
0.2A/DIV
IL
0.5A/DIV
3689 F08
LOAD (mA)
1
7.0
7.5
10
100
1000
6.5
6.0
5.5
5.0
8.0
3589 F07a
TO START:
EN/UVLO TIED TO VIN
TO RUN
VOUT = 5V
L = 8.2μH
fSW = 800KHz
TA = 25°C
TO START: EN/UVLO HIGH
THRESHOLD = 6.15V
LOAD (mA)
1
5.0
5.5
10
100
1000
4.5
4.0
3.5
3.0
6.0
3589 F07b
TO START:
EN/UVLO TIED TO VIN
TO RUN
VOUT = 3.3V
L = 8.2μH
fSW = 800KHz
TA = 25°C
TO START: EN/UVLO HIGH
THRESHOLD = 4.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com