Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD6761FS Datasheet(PDF) 13 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 13 Page - Rohm

Back Button BD6761FS Datasheet HTML 9Page - Rohm BD6761FS Datasheet HTML 10Page - Rohm BD6761FS Datasheet HTML 11Page - Rohm BD6761FS Datasheet HTML 12Page - Rohm BD6761FS Datasheet HTML 13Page - Rohm BD6761FS Datasheet HTML 14Page - Rohm BD6761FS Datasheet HTML 15Page - Rohm BD6761FS Datasheet HTML 16Page - Rohm BD6761FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
13/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
2)BD6762FV
○
RF pin
○
UHG, VHG, WHG, U, V, W pins
○
ULG, VLG, WLG pins
○
CFE pin
○
RFE pin
○
ST/SP, FR, SB, 120/SL
○
HU+, HV+, HW+, HU-, HV-, HW- pins
○
FGIN+, FGIN- pins
○
CLKIN
○
FGIN+, FGOUT pins
○
FGSOUT pin
○
LPF pin
○
POUT, DOUT pins
VREG
VREG
RFE
(pin14)
VCC
41kΩ
9kΩ
5kΩ
5kΩ
30Ω
CFE
(pin13)
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
30Ω
VCC
100kΩ
VCC
5V
100k
5k
ST/SP(pin21)
FR(pin22)
SB(pin23)
120/SL(pin24)
FGSOUT
(pin28)
20kΩ
VREG
5V
POUT(pin31)
DOUT(pin32)
VCC
30Ω
30Ω
5V
30Ω
30Ω
1kΩ
VCC
LPF
(pin30)
1kΩ
VCC
RF
(pin2)
VG
VG
14kΩ
70kΩ
80kΩ
UHG, VHG, WHG
(pin3, 6, 9)
U, V, W
(pin4, 7, 10)
VG
1kΩ
VCC
5kΩ
VREG
HU-(pin16)
HV-(pin18)
HW-(pin20)
VCC
5kΩ
HU+(pin15)
HV+(pin17)
HW+(pin19)
VREG
VREG
VCC
200Ω
VREG
VCC
200Ω
FGIN+
(pin25)
VREG
VREG
FGIN-
(pin26)
VCC
ULG, VLG, WLG
(pin5, 8, 11)
10.5V
2.84kΩ
30Ω
30Ω
5kΩ 5kΩ
5kΩ
200Ω
FGOUT
(pin27)
VREG
VCC
15kΩ
15kΩ
200Ω
VCC
FGIN+
(pin25)
VCC
5V
CLKIN
(pin29)
50kΩ
5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com