Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD6761FS Datasheet(PDF) 2 Page - Rohm

Part # BD6761FS
Description  Three-phase Brushless Motor Pre-drivers for Paper Feed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6761FS Datasheet(HTML) 2 Page - Rohm

  BD6761FS Datasheet HTML 1Page - Rohm BD6761FS Datasheet HTML 2Page - Rohm BD6761FS Datasheet HTML 3Page - Rohm BD6761FS Datasheet HTML 4Page - Rohm BD6761FS Datasheet HTML 5Page - Rohm BD6761FS Datasheet HTML 6Page - Rohm BD6761FS Datasheet HTML 7Page - Rohm BD6761FS Datasheet HTML 8Page - Rohm BD6761FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
BD6761FS,BD6762FV
Technical Note
2/22
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics
BD6761FS (Unless otherwise specified, Ta=25°C, VCC=24.0V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Overall
Circuit current
ICC
10
15
20
mA
VREG voltage
VREG
5.5
6
6.5
V
IVREG=-1mA
Hall amp
Input bias current
IHA
-
0.7
3.0
µA
In-phase input voltage range
VHAR
1.5
-
4.1
V
Input level
VINH
30
-
250
mVpp Single-phase Hall amplitude
PWM
High CFE voltage
VHPCFE
3.0
3.5
4.0
V
Low CFE voltage
VLPCFE
2.1
2.5
2.9
V
CFE oscillating frequency
FCFE
12
15
18
kHz
RFE=50kΩ, CFE=1000pF
PWM on duty offset
DPWM
-1.5
0
1.5
%
Torque amplifier
High CPOUT input current
ICPOUTH
-
0
1
µA
Low CPOUT input current
ICPOUTL
-1
0
-
µA
Current limit
Current detection voltage 1
VCL1
0.391
0.435
0.479
V
For current sense amplifier
Current detection voltage 2
VCL2
0.432
0.480
0.528
V
For current limit comparator
VCL2-VCL1
Δ
VCL
40
45
50
mV
FG Amp
Input bias current
IBFG
-1
-
1
µA
Input offset voltage
VBFG
-10
-
10
mV
High output voltage
VHFG
4.5
5.0
VREG
V
IHFGOUT=-0.75mA
Low output voltage
VLFG
-
1.0
1.5
V
ILFGOUT=2mA
Low FGS output voltage
VLFGS
-
0.1
0.3
V
ILFGSOUT=3mA
Open loop gain
GVFG
45
54
-
dB
f=3kHz
Bias voltage
VBIASFG
2.7
3.0
3.3
V
Hysteresis width
VHYS
100
180
250
mV
F/R
High input current
IFRL
30
60
90
µA
F/R=6V
Low input current
IFRH
-10
0
10
µA
F/R=0V
High input level
VIHFR
2.2
-
VREG
V
Reverse rotation
Low input level
VILFR
0
-
0.8
V
Forward rotation
ACC and DEC
High ACC input current
IACCH
30
60
90
µA
ACC=6V
Low ACC input current
IACCL
-10
0
10
µA
ACC=0V
High DEC input current
IDECH
30
60
90
µA
DEC=6V
Low DEC input current
IDECL
-10
0
10
µA
DEC=0V
Accelerating current
ISS
-260
-200
-140
µA
RCP=13.5kΩ, ACC=L
Decelerating current
ISO
140
200
260
µA
RCP=13.5kΩ, DEC=L
High ACC input level
VIHACC
2.2
-
VREG
V
Low ACC input level
VILACC
0
-
0.8
V
High DEC input level
VIHDEC
2.2
-
VREG
V
Low DEC input level
VILDEC
0
-
0.8
V
High-side output
High-side voltage
VHG
Vcc+5
Vcc+6
Vcc+7
V
Pull-down resistor
RHD
70
100
130
kΩ
Low-side output
Low-side voltage
VLG
9.5
10.5
11.5
V
Pull-down resistor
RLD
70
100
130
kΩ
Booster
Boost voltage
VG
Vcc+5
Vcc+6
Vcc+7
V
CP1 oscillating frequency
FCP1
35
62.5
85
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com