Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMR Datasheet(PDF) 1 Page - Power-One

Part # IMR
Description  3...15 Watt DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMR Datasheet(HTML) 1 Page - Power-One

  IMR Datasheet HTML 1Page - Power-One IMR Datasheet HTML 2Page - Power-One IMR Datasheet HTML 3Page - Power-One IMR Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 5/07.2001
• Low cost
• Short circuit proof
• Efficiency up to 82%
Input voltage range up to 72 V DC
1, 2 and 3 outputs up to 30 V DC
500 V DC I/O electric strengh test voltage
Selection chart
Output 1
Output 2
Output 3
Type
Type
Type
Uo nom Io nom
Uo nom Io nom
Uo nom Io nom
Input voltage1
Input voltage
Input voltage
[V DC] [mA]
[V DC] [mA]
[V DC] [mA]
9...18 V DC
18...36 V DC
36...72 V DC
3.3
1500
-
-
-
-
12 IMR 6-03-2
24 IMR 6-03-2
48 IMR 6-03-2
3.3
3000
-
-
-
-
12 IMR 15-03-2
24 IMR 15-03-2
48 IMR 15-03-2
5
500
-
-
-
-
12 IMR 3-05-2
24 IMR 3-05-2
48 IMR 3-05-2
5
1000
-
-
-
-
12 IMR 6-05-2
24 IMR 6-05-2
48 IMR 6-05-2
5
3000
-
-
-
-
12 IMR 15-05-2
24 IMR 15-05-2
48 IMR 15-05-2
12
250
-
-
-
-
12 IMR 3-12-2
24 IMR 3-12-2
48 IMR 3-12-2
12
500
-
-
-
-
12 IMR 6-12-2
24 IMR 6-12-2
48 IMR 6-12-2
12
1250
-
-
-
-
12 IMR 15-12-2
24 IMR 15-12-2
48 IMR 15-12-2
15
200
-
-
-
-
12 IMR 3-15-2
24 IMR 3-15-2
48 IMR 3-15-2
15
400
-
-
-
-
12 IMR 6-15-2
24 IMR 6-15-2
48 IMR 6-15-2
15
1000
-
-
-
-
12 IMR 15-15-2
24 IMR 15-15-2
48 IMR 15-15-2
+5
250
–5
250
-
-
12 IMR 3-0505-2
24 IMR 3-0505-2
48 IMR 3-0505-2
+5
50
–5
50
-
-
12 IMR 6-0505-2
24 IMR 6-0505-2
48 IMR 6-0505-2
+12
125
–12
125
-
-
12 IMR 3-1212-2
24 IMR 3-1212-2
48 IMR 3-1212-2
+12
250
–12
250
-
-
12 IMR 6-1212-2
24 IMR 6-1212-2
48 IMR 6-1212-2
+12
625
–12
625
-
-
12 IMR 15-1212-2
24 IMR 15-1212-2
48 IMR 15-1212-2
+15
100
–15
100
-
-
12 IMR 3-1515-2
24 IMR 3-1515-2
48 IMR 3-1515-2
+15
200
–15
200
-
-
12 IMR 6-1515-2
24 IMR 6-1515-2
48 IMR 6-1515-2
+15
500
–15
500
-
-
12 IMR 15-1515-2
24 IMR 15-1515-2
48 IMR 15-1515-2
5
2000
+12
200
–12
200
12 IMR 15-051212-2
24 IMR 15-051212-2
48 IMR 15-051212-2
5
2000
+15
200
–15
200
12 IMR 15-051515-2
24 IMR 15-051515-2
48 IMR 15-051515-2
1 12 IMR 3 and 12 IMR 15 types: output current Io nom see: Application Note - Output Data
IMR Series
3...15 Watt DC-DC Converter


Similar Part No. - IMR

ManufacturerPart #DatasheetDescription
logo
Power-One
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
25...40 Watt DC-DC Converters
More results

Similar Description - IMR

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
DM WALL-DM Datasheet
162Kb / 3P
15 Watt DC/DC Converter
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
15 Watt DC/DC Converter
logo
AIMTEC
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com