Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMR Datasheet(PDF) 2 Page - Power-One

Part # IMR
Description  3...15 Watt DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMR Datasheet(HTML) 2 Page - Power-One

  IMR Datasheet HTML 1Page - Power-One IMR Datasheet HTML 2Page - Power-One IMR Datasheet HTML 3Page - Power-One IMR Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 5/07.2001
Input
Input voltage
continuous range, 12 V
9...18 V DC
continuous range, 24 V
18...36 V DC
continuous range, 48 V
36...72 V DC
Protection
reverse input voltage, current limitation
Output
Efficiency
up to 82 %
Minimum load
recommended
20%
Io nom
Line regulation
Ui min...Ui max, Io nom
±1%
Load regulation
Ui nom, 0...100% Io nom, single output models
2 %
dual output models (traching)
5 %
triple output models (traching)
6 %
Ripple and noise
Ui nom, (20...100%) Io nom
2%
Uo nom
Protection
Overload protection
Ui nom, full load
125%
Pi nom
No-load protection
Safety
I/O electric strength test
per EN 60950
500 V DC
Electromagnetic interference
conducted per EN 55022 with external filter
class B
Environmental
Operating temperature
Ui nom, Io nom
–10...50
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
95 %
MTBF
per MIL-HDBK-217F, N2
>3'000'000 h
Options
Extended temperature range
–25...71
°C, ambient, operating, IMR 3, IMR 6
-7
Board Mountable
IMR Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com