Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308VMADDA Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8308VMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMADDA Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMADDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308VMADDA Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1
68
Freescale Semiconductor
Package and Pin Listings
LCS[3]
Y11
O
NVDDP_K
4
LWE[0] /LFWE0/LBS0
AB11
O
NVDDP_K
—
LWE[1]/LBS1AC11
O
NVDDP_K
—
LBCTL
U11
O
NVDDP_K
—
LGPL0/LFCLE
Y10
O
NVDDP_K
—
LGPL1/LFALE
AA10
O
NVDDP_K
—
LGPL2/LOE/LFRE
AB10
O
NVDDP_K
4
LGPL3/LFWP
AC10
O
NVDDP_K
—
LGPL4/LGTA/LUPWAIT/LFRB
AB9
I/O
NVDDP_K
4
LGPL5
Y9
O
NVDDP_K
—
LCLK0
AC12
O
NVDDP_K
—
DUART
UART_SOUT1/MSRCID0/LSRCID0
C17
O
NVDDB
—
UART_SIN1/MSRCID1/LSRCID1
B18
I/O
NVDDB
—
UART_SOUT2/MSRCID2/LSRCID2
D17
O
NVDDB
—
UART_SIN2/MSRCID3/LSRCID3
D18
I/O
NVDDB
—
PEX PHY
TXA
C14
O
XPADVDD
—
TXA
C15
O
XPADVDD
—
RXA
A13
I
XCOREVDD
—
RXA
B13
I
XCOREVDD
—
SD_IMP_CAL_RX
A15
I
XCOREVDD
—
SD_REF_CLK
C12
I
XCOREVDD
—
SD_REF_CLK
D12
I
XCOREVDD
—
SD_PLL_TPD
F13
O
——
SD_IMP_CAL_TX
A11
I
XPADVDD
—
SD_PLL_TPA_ANA
F11
O
——
SDAVDD_0
G12
I
——
SDAVSS_0
F12
I
——
I2C interface
IIC_SDA1
C9
I/O
NVDDA
2
IIC_SCL1
A9
I/O
NVDDA
2
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com